Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AS-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC856AS-7
Description  65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856AS-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  BC856AS-7 Datasheet HTML 1Page - Diodes Incorporated BC856AS-7 Datasheet HTML 2Page - Diodes Incorporated BC856AS-7 Datasheet HTML 3Page - Diodes Incorporated BC856AS-7 Datasheet HTML 4Page - Diodes Incorporated BC856AS-7 Datasheet HTML 5Page - Diodes Incorporated BC856AS-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC856AS
Document number: DS30834 Rev. 9 - 2
2 of 6
www.diodes.com
September 2017
© Diodes Incorporated
BC856AS
© Diodes Incorporated
BC856AS
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-65
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Power Dissipation
(Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
625
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic (Note 6)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-80
—
—
V
IC = 10A
Collector-Emitter Breakdown Voltage
BVCEO
-65
—
—
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
-5
—
—
V
IE = 1A
DC Current Gain
hFE
125
180
250
—
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage
VCE(SAT)
—
-75
-250
-300
-650
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
—
—
-700
-850
—
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Voltage
VBE(ON)
-600
—
-650
—
-750
-820
mV
VCE = -5.0V, IC = -2.0mA
VCE = -5.0V, IC = -10mA
Collector-Cutoff Current
ICES
ICBO
ICBO
—
—
—
—
—
—
-15
-15
-4.0
nA
nA
µA
VCE = -80V
VCB = -30V
VCB = -30V, TA = +150°C
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Collector-Base Capacitance
CCB
—
3
—
pF
VCB = -10V, f = 1.0MHz
Notes:
5. For the device mounted on minimum recommended pad layout FR-4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device
is measured when operating in a steady-state condition.
6. Short duration pulse test used to minimize self-heating effect.
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com