Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585AMK Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # MB91F585AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585AMK Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button MB91F585AMK Datasheet HTML 32Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 33Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 34Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 35Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 36Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 37Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 38Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 39Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 35 of 175
MB91580M/S Series
The power supply pins should be connected to VCC and VSS of this device at the low impedance from the power
supply source.
In the area close to this device, a ceramic capacitor having the capacitance larger than the capacitor of C pin is
recommended to use as a bypass capacitor between VCC and VSS pins.
 Crystal oscillation circuit
An external noise to the X0 or X1 pin may cause a device malfunction. The printed circuit board must be designed to
lay out X0 and X1 pins, crystal oscillator (or ceramic resonator), and the bypass capacitor to be grounded to the close
position to the device.
The printed circuit board artwork is recommended to surround the X0 and X1 pins by ground circuits.
 Mode pin (MD[1:0])
Connect the MD[1:0] mode pin to the VCC or VSS pin directly.
To prevent an erroneous selection of test mode caused by the noise, reduce the pattern length between each mode
pin and VCC or VSS pin on the printed circuit board. Also, use the low-impedance pin connection.
 During power-on
To prevent a malfunction of the voltage step-down circuit built in the dev
ice, set the voltage rising time to have 50μs or
longer (between 0.2V and 2.7V) during power-on.
 Notes during PLL clock operation
When the PLL clock is selected and if the oscillator is disconnected or if the input is stopped, this clock may continue
to operate at the free running frequency of the self oscillator circuit built in the PLL. This operation is not guaranteed.
 Treatment of A/D converter power supply pins
Connect the pins to have AVCC0 = AVCC1 = AVRH0 = AVRH1 = VCC,
AVSS0/AVRL0 = AVSS1/AVRL1 = VSS even if the A/D converter is not used.
 Note on using external clock
The external clock is unsupported.
External direct clock input cannot use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com