Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585AMK Datasheet(PDF) 65 Page - Cypress Semiconductor

Part # MB91F585AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585AMK Datasheet(HTML) 65 Page - Cypress Semiconductor

Back Button MB91F585AMK Datasheet HTML 61Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 62Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 63Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 64Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 65Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 66Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 67Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 68Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 64 of 175
MB91580M/S Series
Address
Address offset value/Register name
Block
+0
+1
+2
+3
001328H
|
00132CH
-
-
-
-
Reserved
001330H
-
-
001334H
|
0013FCH
-
-
-
-
Reserved
001400H
DACR[R/W] B,H,W
-------0
-
DADR[R/W] H,W
------XX XXXXXXXX
DAC
001404H
|
0014FCH
-
-
-
-
Reserved
001500H
SCR0/(IBCR0)
[R/W] B,H,W
0--00000
SMR0[R/W] B,H,W
000000-0
SSR0[R/W]
B,H,W
0--00011
ESCR0/(IBSR0)
[R/W] B,H,W
00000000
Multi Function
Serial I/F 0
*1: Byte access is
possible only for
access to lower 8
bits.
*2: Reserved
because I
2C mode
is not set
immediately after
reset
*3: Reserved
because CSIO
mode is not set
immediately after
reset
*4: Reserved
because LIN2.1
mode is not set
immediately after
reset
001504H
-/(RDR10/(TDR10))[R/W] B,H,W
-------- --------
*3
RDR00/(TDR00)[R/W] B,H,W
-------0 00000000
*1
001508H
SACSR0[R/W] B,H,W
0----000 00000000
STMR0[R] B,H,W
00000000 00000000
00150CH
STMCR0[R/W] B,H,W
00000000 00000000
-/(SFUR0) [R/W] B,H,W
-------- --------
*4
001510H
-
-
-/(SFLR10) [R/W]
B,H,W
--------
*4
-/(SFLR00) [R/W]
B,H,W
--------
*4
001514H
-
-
-
-
001518H
-
-
-
-
00151CH
BGR0[R/W] H,W
00000000 00000000
-/(ISMK0)[R/W] B,H,W
--------
*2
-/(ISBA0)[R/W] B,H,W
--------
*2
001520H
FCR10[R/W] B,H,W
00-00100
FCR00[R/W] B,H,W
-0000000
FBYTE20[R/W] B,H,W
00000000
FBYTE10[R/W] B,H,W
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com