Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F585AMK Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # MB91F585AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585AMK Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB91F585AMK Datasheet HTML 20Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 21Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 22Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 23Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 24Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 25Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 26Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 27Page - Cypress Semiconductor MB91F585AMK Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 23 of 175
MB91580M/S Series
Pin No.
Pin name
I/O circuit
type*
Function
6
P052
D
General-purpose I/O port
RTO3
Waveform generator ch.3 output pin
BIN1
Up/down counter ch.1 BIN input pin
FRCK4
Free-run timer ch.4 external clock input pin
7
P053
D
General-purpose I/O port
RTO2
Waveform generator ch.2 output pin
ZIN1
Up/down counter ch.1 ZIN input pin
FRCK3
Free-run timer ch.3 external clock input pin
8
P054
D
General-purpose I/O port
RTO1
Waveform generator ch.1 output pin
FRCK2
Free-run timer ch.2 external clock input pin
9
P055
D
General-purpose I/O port
RTO0
Waveform generator ch.0 output pin
FRCK1
Free-run timer ch.1 external clock input pin
10
P056
D
General-purpose I/O port
DTTI0
Waveform generator output stop signal input pin 0
FRCK0
Free-run timer ch.0 external clock input pin
63
P070
E
General-purpose I/O port
TIN0
Reload timer ch.0 event input pin
INT3
INT3 external interrupt input pin
2
P071
E
General-purpose I/O port
TIN1
Reload timer ch.1 event input pin
AIN0
Up/down counter ch.0 AIN input pin
INT4
INT4 external interrupt input pin
3
P072
D
General-purpose I/O port
TOT1
Reload timer ch.1 output pin
BIN0
Up/down counter ch.0 BIN input pin
RTO6
Waveform generator ch.6 output pin
30
P093
F
General-purpose I/O port
PPG4
PPG ch.4 output pin
AN19
ADC analog 19 input pin
31
P094
F
General-purpose I/O port
PPG5
PPG ch.5 output pin
AN20
ADC analog 20 input pin
49
DEBUGIF
I
DEBUG I/F pin
18
AVCC0
-
A/D converter analog power supply
39
AVCC1
-
A/D converter analog power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com