Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90387 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB90387 Datasheet HTML 9Page - Cypress Semiconductor MB90387 Datasheet HTML 10Page - Cypress Semiconductor MB90387 Datasheet HTML 11Page - Cypress Semiconductor MB90387 Datasheet HTML 12Page - Cypress Semiconductor MB90387 Datasheet HTML 13Page - Cypress Semiconductor MB90387 Datasheet HTML 14Page - Cypress Semiconductor MB90387 Datasheet HTML 15Page - Cypress Semiconductor MB90387 Datasheet HTML 16Page - Cypress Semiconductor MB90387 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 12 of 81
MB90387/387S/F387/F387S
MB90V495G
8. Block Diagram
9. Memory Map
MB90385 series allows specifying a memory access mode “single chip mode.”
9.1 Memory Allocation of MB90385
MB90385 series model has 24-bit wide internal address bus and up to 24-bit bus of external address bus.
A maximum of 16-Mbyte memory space of external access memory is accessible.
IN0 to IN3
RAM
ROM/Flash
INT4 to INT7
RX
TX
PPG0 to PPG3
TIN0,TIN1
TOT0,TOT1
X0A,X1A
RST
X0,X1
SCK1
SOT1
SIN1
AVcc
AN0 to AN7
AVss
AVR
ADTG
UART1
CAN
Clock
control circuit
Watch timer
Time-base timer
Prescaler
CPU
F2MC-16LX core
16-bit
free-run timer
Input
capture
(4 channels)
16-bit
PPG timer
(2 channels)
16-bit
reload timer
(2 channels)
DTP/External
interrupt
8/10-bit A/D
converter
(8 channels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com