Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90387 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB90387 Datasheet HTML 1Page - Cypress Semiconductor MB90387 Datasheet HTML 2Page - Cypress Semiconductor MB90387 Datasheet HTML 3Page - Cypress Semiconductor MB90387 Datasheet HTML 4Page - Cypress Semiconductor MB90387 Datasheet HTML 5Page - Cypress Semiconductor MB90387 Datasheet HTML 6Page - Cypress Semiconductor MB90387 Datasheet HTML 7Page - Cypress Semiconductor MB90387 Datasheet HTML 8Page - Cypress Semiconductor MB90387 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
MB90387/387S/F387/F387S
MB90V495G
16-bit Microcontrollers
F2MC-16LX MB90385 Series
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-07765 Rev. *A
Revised February 5, 2018
MB90385 series devices are general-purpose high-performance 16-bit micro controllers designed for process control of consumer
products, which require high-speed real-time processing. The devices of this series have the built-in full-CAN interface.
The system, inheriting the architecture of F2MC family, employs additional instruction ready for high-level languages, expanded
addressing mode, enhanced multiply-divide instructions, and enriched bit-processing instructions. Furthermore, employment of 32-
bit accumulator achieves processing of long-word data (32 bits).
The peripheral resources of MB90385 series include the following:
8/10-bit A/D converter, UART (SCI), 8/16-bit PPG timer, 16-bit input-output timer (16-bit free-run timer, input capture 0, 1, 2, 3 (ICU)),
and CAN controller.
Features
Clock
■ Built-in PLL clock frequency multiplication circuit
■ Selection of machine clocks (PLL clocks) is allowed among
frequency division by two on oscillation clock, and multiplication
of 1 to 4 times of oscillation clock (for 4-MHz oscillation clock,
4 MHz to 16 MHz).
■ Operation by sub-clock (8.192 kHz) is allowed. (MB90387,
MB90F387)
■ Minimum execution time of instruction: 62.5 ns (when operating
with 4-MHz oscillation clock, and 4-time multiplied PLL clock).
16 Mbyte CPU memory Space
■ 24-bit internal addressing
Instruction System Best Suited to Controller
■ Wide choice of data types (bit, byte, word, and long word)
■ Wide choice of addressing modes (23 types)
■ Enhanced multiply-divide instructions and RETI instructions
■ Enhanced high-precision computing with 32-bit accumulator
Instruction System Compatible with High-level
Language (C language) and Multitask
■ Employing system stack pointer
■ Enhanced various pointer indirect instructions
■ Barrel shift instructions
Increased Processing Speed
■ 4-byte instruction queue
Powerful Interrupt Function with 8 Levels and 34
Factors
Automatic Data Transfer Function Independent of CPU
■ Expanded intelligent I/O service function (EI2 OS): Maximum
of 16 channels
Low Power Consumption (standby) Mode
■ Sleep mode (a mode that halts CPU operating clock)
■ Time-base timer mode (a mode that operates oscillation clock,
sub clock, time-base timer and watch timer only)
■ Watch mode (a mode that operates sub clock and watch timer
only)
■ Stop mode (a mode that stops oscillation clock and sub clock)
■ CPU blocking operation mode
Process
■ CMOS technology
I/O Port
■ General-purpose input/output port (CMOS output):
MB90387, MB90F387: 34 ports (including 4 high-current out-
put ports)
MB90387S, MB90F387S: 36 ports (including 4 high-current
output ports)
Timer
■ Time-base timer, watch timer, watchdog timer: 1 channel
■ 8/16-bit PPG timer: 8-bit x 4 channels, or 16-bit x 2 channels
■ 16-bit reload timer: 2 channels
■ 16-bit input/output timer
❐ 16-bit free run timer: 1 channel
❐ 16-bit input capture: (ICU): 4 channels
Interrupt request is issued upon latching a count value of 16-
bit free run timer by detection of an edge on pin input.
CAN Controller: 1 channel
■ Compliant with Ver2.0A and Ver2.0B CAN specifications
■ 8 built-in message buffers
■ Transmission rate of 10 kbps to 1 Mbps (by 16 MHz machine
clock)
■ CAN wake-up
UART (SCI): 1 channel
■ Equipped with full-duplex double buffer
■ Clock-asynchronous or clock-synchronous serial transmission
is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com