Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90387 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB90387 Datasheet HTML 17Page - Cypress Semiconductor MB90387 Datasheet HTML 18Page - Cypress Semiconductor MB90387 Datasheet HTML 19Page - Cypress Semiconductor MB90387 Datasheet HTML 20Page - Cypress Semiconductor MB90387 Datasheet HTML 21Page - Cypress Semiconductor MB90387 Datasheet HTML 22Page - Cypress Semiconductor MB90387 Datasheet HTML 23Page - Cypress Semiconductor MB90387 Datasheet HTML 24Page - Cypress Semiconductor MB90387 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 20 of 81
MB90387/387S/F387/F387S
MB90V495G
Initial values:
0: Initial value of this bit is “0.”
1: Initial value of this bit is “1.”
X: Initial value of this bit is undefined.
*: “Reserved area” should not be written anything. Result of reading from “Reserved area” is undefined.
003D0DH
(Reserved area) *
003D0EH
TIER
Send completion interrupt permission
register
R/W
CAN controller
00000000B
003D0FH
(Reserved area) *
003D10H,
003D11H
AMSR
Acceptance mask selection register
R/W
CAN controller
XXXXXXXXB,
XXXXXXXXB
003D12H,
003D13H
(Reserved area) *
003D14H
to
003D17H
AMR0
Acceptance mask register 0
R/W
CAN controller
XXXXXXXXB
to
XXXXXXXXB
003D18H
to
003D1BH
AMR1
Acceptance mask register 1
R/W
XXXXXXXXB
to
XXXXXXXXB
003D1CH
to
003DFFH
(Reserved area) *
003E00H
to
003EFFH
(Reserved area) *
003FF0H
to
003FFFH
(Reserved area) *
Address
Register
Abbreviation
Register
Read/
Write
Resource
Initial Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com