Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1876 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 10Page - Linear Technology LTC1876 Datasheet HTML 11Page - Linear Technology LTC1876 Datasheet HTML 12Page - Linear Technology LTC1876 Datasheet HTML 13Page - Linear Technology LTC1876 Datasheet HTML 14Page - Linear Technology LTC1876 Datasheet HTML 15Page - Linear Technology LTC1876 Datasheet HTML 16Page - Linear Technology LTC1876 Datasheet HTML 17Page - Linear Technology LTC1876 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC1876
14
1876fa
path, which could include batteries, switches, trace/con-
nector resistances and protection circuitry. Improvements
in both conducted and radiated EMI also directly accrue as
a result of the reduced RMS input current and voltage.
Of course, the improvement afforded by 2-phase opera-
tion is a function of the dual switching regulator’s relative
duty cycles which, in turn, are dependent upon the input
voltage VIN (Duty Cycle = VOUT/VIN). Figure 4 shows how
the RMS input current varies for single-phase and 2-phase
operation for 3.3V and 5V regulators over a wide input
voltage range.
It can readily be seen that the advantages of 2-phase
operation are not just limited to a narrow operating range,
but in fact extend over a wide region. A good rule of thumb
for most applications is that 2-phase operation will reduce
Allowing a margin for variations in the LTC1876 and
external component values yields:
R
mV
I
SENSE
MAX
=
50
Figure 4. RMS Input Current Comparison
(Refer to Functional Diagram)
OPERATIO
APPLICATIO S I FOR ATIO
Figure 1 on the first page is a basic LTC1876 application
circuit. For the step-down regulators, the external compo-
nent selection is driven by the load requirement, and
begins with the selection of RSENSE. Once RSENSE is
known, L can be chosen. Next, the power MOSFETs and D1
are selected. Finally, CIN and COUT are selected . The circuit
shown in Figure 1 can be configured for operation up to an
input voltage of 28V (limited by the external MOSFETs).
For the step-up regulator, its component selection is much
simpler. A 4.7
µH or 10µH inductor that can handle at least
1A without saturating will work well with most design. A
Shottky diode is recommended and a MBR0520 from ON
Semiconductor is a very good choice.
RSENSE Selection For Output Current
RSENSE is chosen based on the required output current.
The LTC1876 current comparator has a maximum thresh-
old of 75mV/RSENSE and an input common mode range of
SGND to 1.1(INTVCC). The current comparator threshold
sets the peak of the inductor current, yielding a maximum
average output current IMAX equal to the peak value less
half the peak-to-peak ripple current,
∆IL.
INPUT VOLTAGE (V)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
10
20
30
40
1876 F04
SINGLE PHASE
DUAL CONTROLLER
2-PHASE
DUAL CONTROLLER
VO1 = 5V/3A
VO2 = 3.3V/3A
the input capacitor requirement to that for just one channel
operating at maximum current and 50% duty cycle.
OPERATING FREQUENCY (kHz)
120
170
220
270
320
1876 F05
2.5
2.0
1.5
1.0
0.5
0
Figure 5. FREQSET Pin Voltage vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com