Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1876 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 2 Page - Linear Technology

  LTC1876 Datasheet HTML 1Page - Linear Technology LTC1876 Datasheet HTML 2Page - Linear Technology LTC1876 Datasheet HTML 3Page - Linear Technology LTC1876 Datasheet HTML 4Page - Linear Technology LTC1876 Datasheet HTML 5Page - Linear Technology LTC1876 Datasheet HTML 6Page - Linear Technology LTC1876 Datasheet HTML 7Page - Linear Technology LTC1876 Datasheet HTML 8Page - Linear Technology LTC1876 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC1876
2
1876fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VOSENSE1, 2
Regulated Feedback Voltage
ITH1, 2 Voltage = 1.2V (Note 4)
q
0.792
0.800
0.808
V
IVOSENSE1, 2
Feedback Current
(Note 4)
–5
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 0.7V
q
0.1
0.5
%
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 2V
q
–0.1
–0.5
%
gm1, 2
Transconductance Amplifier gm
ITH1, 2 = 1.2V; Sink/Source 5µA; (Note 4)
1.3
mmho
gmOL1, 2
Transconductance Amplifier GBW
ITH1, 2 = 1.2V; (Note 4)
3
MHz
IQ
Input DC Supply Current
(Note 5)
Normal Mode
VIN = 15V; EXTVCC Tied to VOUT1; VOUT1 = 5V
350
µA
Standby
VRUN/SS1, 2 = 0V, VSTBYMD > 2V
125
µA
Shutdown
VRUN/SS1, 2 = 0V, VSTBYMD = Open
20
35
µA
VFCB
Forced Continuous Threshold
q
0.76
0.800
0.84
V
IFCB
Forced Continuous Current
VFCB = 0.85V
–0.3
–0.18
–0.1
µA
VBINHIBIT
Burst Inhibit (Constant Frequency)
Measured at FCB pin
4.3
4.8
V
Threshold
Input Supply Voltage (VIN)......................... 36V to –0.3V
Topside Driver Voltages
(BOOST1, BOOST2) ................................... 42V to –0.3V
Switch Voltage (SW1, SW2) ......................... 36V to –5V
INTVCC, EXTVCC, RUN/SS1, RUN/SS2, PGOOD,
(BOOST1-SW1), (BOOST2-SW2), ...............7V to – 0.3V
SENSE1+, SENSE2+, SENSE1–, SENSE2–
Voltages ................................... (1.1)INTVCC to –0.3V
FREQSET, STBYMD, FCB, PGOOD
Voltages .................................................. 7V to – 0.3V
ITH1, ITH2, VOSENSE1, VOSENSE2 Voltages ... 2.7V to –0.3V
Peak Output Current <10
µs (TG1, TG2, BG1, BG2) ... 3A
INTVCC Peak Output Current ................................ 50mA
AUXVIN .................................................................. 16V to –0.3V
AUXSD ..................................................................... 10V
AUXSW ..................................................... 36V to –0.3V
AUXVFB Voltage ....................................... 2.5V to –0.3V
Current into AUXVFB ....................................................... ±1mA
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Junction Temperature (Note 3) ............................. 125
°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 95°C/W
Consult factory for parts specified with wider operating temperature ranges.
LTC1876EG
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V, AUXVIN = 3V unless otherwise noted.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
AUXSD
AUXVIN
AUXPGND
AUXPGND
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
IITH2
VOSENSE2
SENSE2–
SENSE2+
AUXSGND
AUXVFB
AUXSW
AUXSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com