Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1876 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1876 Datasheet HTML 14Page - Linear Technology LTC1876 Datasheet HTML 15Page - Linear Technology LTC1876 Datasheet HTML 16Page - Linear Technology LTC1876 Datasheet HTML 17Page - Linear Technology LTC1876 Datasheet HTML 18Page - Linear Technology LTC1876 Datasheet HTML 19Page - Linear Technology LTC1876 Datasheet HTML 20Page - Linear Technology LTC1876 Datasheet HTML 21Page - Linear Technology LTC1876 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC1876
18
1876fa
discharge during the operating frequency period due to
ripple current. The choice of using smaller output capaci-
tance increases the ripple voltage due to the discharging
term but can be compensated for by using capacitors of
very low ESR to maintain the ripple voltage at or below
50mV. The ITH pin OPTI-LOOP compensation compo-
nents can be optimized to provide stable, high perfor-
mance transient response regardless of the output
capacitors selected.
For the boost regulator, the output ripple (
∆VOUT) is
determined by:
∆V
I
ESR
I
fC
OUT
PK
OUT
OUT
≈+


15
.
Since the boost regulator is operating at high frequency,
the second term will be small even with a small value of
COUT. Hence, all efforts can be concentrated on finding a
low ESR capacitor. A ceramic capacitor can be used for the
output capacitor.
Manufacturers such as Nichicon, United Chemicon and
Sanyo can be considered for high performance through-
hole capacitors. The OS-CON semiconductor dielectric
capacitor available from Sanyo has the lowest (ESR) (size)
product of any aluminum electrolytic at a somewhat
higher price. An additional ceramic capacitor in parallel
with OS-CON capacitors is recommended to reduce the
inductance effects.
In surface mount applications multiple capacitors may
need to be used in parallel to meet the ESR, RMS current
handling and load step requirements of the application.
Aluminum electrolytic, dry tantalum and special polymer
capacitors are available in surface mount packages. Spe-
cial polymer surface mount capacitors offer very low ESR
but have lower storage capacity per unit volume than other
capacitor types. These capacitors offer a very cost-effec-
tive output capacitor solution and are an ideal choice when
combined with a controller having high loop bandwidth.
Tantalum capacitors offer the highest capacitance density
and are often used as output capacitors for switching
regulators having controlled soft-start. Several excellent
surge-tested choices are the AVX TPS, AVX TPSV or the
KEMET T510 series of surface mount tantalums, available
in case heights ranging from 2mm to 4mm. Aluminum
electrolytic capacitors can be used in cost-driven applica-
tions providing that consideration is given to ripple current
ratings, temperature and long term reliability. A typical
application will require several to many aluminum electro-
lytic capacitors in parallel. A combination of the above
mentioned capacitors will often result in maximizing per-
formance and minimizing overall cost. Other capacitor
types include Nichicon PL series, NEC Neocap, Pansonic
SP and Sprague 595D series. For high value of ceramic
capacitors, Taiyo Yuden has a series of them. Select the
X5R or X7R series as these retain the capacitance over
wide voltage and temperature range. Consult manufactur-
ers for other specific recommendations.
INTVCC Regulator
An internal P-channel low dropout regulator produces 5V
at the INTVCC pin from the VIN supply pin. INTVCC powers
the drivers and internal circuitry within the LTC1876 step-
down controllers. The INTVCC pin regulator can supply a
peak current of 50mA and must be bypassed to ground
with a minimum of 4.7
µF tantalum, 10µF special polymer,
or low ESR type electrolytic capacitor. A 1
µF ceramic
capacitor placed directly adjacent to the INTVCC and PGND
IC pins is highly recommended. Good bypassing is neces-
sary to supply the high transient currents required by the
MOSFET gate drivers and to prevent interaction between
channels.
Higher input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC1876 to be
exceeded. The system supply current is normally domi-
nated by the gate charge current. Additional external
loading of the INTVCC and 3.3V linear regulators also
needs to be taken into account for the power dissipation
calculations. The total INTVCC current can be supplied by
either the 5V internal linear regulator or by the EXTVCC
input pin. When the voltage applied to the EXTVCC pin is
less than 4.7V, all of the INTVCC current is supplied by the
internal 5V linear regulator. Power dissipation for the IC in
this case is highest: (VIN)(IINTVCC), and overall efficiency
is lowered. The gate charge current is dependent on
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com