Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTVP Datasheet(PDF) 1 Page - Central Technologies

Part # CTVP
Description  SMD Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTVP Datasheet(HTML) 1 Page - Central Technologies

  CTVP Datasheet HTML 1Page - Central Technologies CTVP Datasheet HTML 2Page - Central Technologies CTVP Datasheet HTML 3Page - Central Technologies CTVP Datasheet HTML 4Page - Central Technologies CTVP Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.22.15
SMD Transformers
www.ctparts.com
CTVP Series
SPECIFICATIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: SMD six winding transformers and inductors
Applications (Transformer): flyback, feed forward, push-pull, multiple, etc.
Applications (Inductor): buck, boost, coupled, choke, filter, differential,
forward, common mode.
Features:
High efficiency, low profile and low radiation
•
Frequency range to over 1MHz
•
500VAC isolation winding to winding
•
Can be used as Transformer or Inductor
•
Ferrite core material
•
Operating Temperature: -40°C to +85°C
Storage Temperature: -55°C to +125°C
Solder reflow temperature: +250°C for 10 seconds maximum
Miscellaneous: RoHS Compliant.
Samples available. See website for ordering information.
Part Number
(1)Inductance
Nom.
(µH)
(2)Isat
Typ.
(A)
(3)Leakage Inductance
Typ.
(µH)
(4)DCR
Max.
(
W)
(5)Irms
Typ.
(A)
CTVP11F-2011
201.6 ±30%
0.04
0.22
0.35
0.55
CTVP11F-9001
89.6 ±30%
0.06
0.10
0.15
0.85
CTVP11F-2701
27.4 ±20%
0.29
0.22
0.35
0.55
CTVP11F-1201
12.2 ±20%
0.43
0.10
0.15
0.85
CTVP11F-1501
14.7 ±20%
0.53
0.22
0.35
0.55
CTVP11F-0651
6.5 ±20%
0.80
0.10
0.15
0.85
CTVP11F-1101
10.9 ±20%
0.72
0.22
0.35
0.55
CTVP11F-0491
4.9 ±20%
1.06
0.10
0.15
0.85
CTVP11F-0851
8.5 ±20%
0.92
0.22
0.35
0.55
CTVP11F-0381
3.8 ±20%
1.37
0.10
0.15
0.85
CTVP14F-1611
160 ±30%
0.07
0.17
0.16
0.95
CTVP14F-7801
78.4 ±30%
0.10
0.09
0.09
1.26
CTVP14F-2201
21.6 ±20%
0.53
0.17
0.16
0.95
CTVP14F-1101
10.6 ±20%
0.76
0.09
0.09
1.26
CTVP14F-1201
11.6 ±20%
0.99
0.17
0.16
0.95
CTVP14F-0601
5.7 ±20%
1.41
0.09
0.09
1.26
CTVP14F-0831
8.3 ±20%
1.39
0.17
0.16
0.95
CTVP14F-0411
4.1 ±20%
1.95
0.09
0.09
1.26
CTVP14F-0661
6.6 ±20%
1.74
0.17
0.16
0.95
CTVP14F-0321
3.2 ±20%
2.50
0.09
0.09
1.26
PAGE 1 OF 5


Similar Part No. - CTVP

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CTVP00R AMPHENOL-CTVP00R Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
8/2006
CTVP02R AMPHENOL-CTVP02R Datasheet
1Mb / 54P
Subminiature Cylindrical Connectors
8/2006
More results

Similar Description - CTVP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G301 ETC-G301 Datasheet
38Kb / 1P
SMD & DIP RF/PULSE TRANSFORMERS
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
SMD Power Inductors and Transformers
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
SMD GATE DRIVE TRANSFORMERS
logo
Accetek Electronics (Sh...
2BA ACCETEK-2BA Datasheet
1Mb / 6P
SMD Balun Transformers
logo
TDK Electronics
ATB3225-75011CT TDK-ATB3225-75011CT_16 Datasheet
173Kb / 13P
Balun Transformers Wound SMD
ATB2012-50011-T000 TDK-ATB2012-50011-T000 Datasheet
168Kb / 13P
Balun Transformers Wound SMD
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
SMD PoE Power Transformers
logo
TDK Electronics
E13EMHV TDK-E13EMHV Datasheet
785Kb / 12P
SMD Transformers
May 2022
VGT TDK-VGT Datasheet
136Kb / 4P
SMD transformers for automotive grade Transformers for BMS
20200109
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com