Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTVP Datasheet(PDF) 2 Page - Central Technologies

Part # CTVP
Description  SMD Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTVP Datasheet(HTML) 2 Page - Central Technologies

  CTVP Datasheet HTML 1Page - Central Technologies CTVP Datasheet HTML 2Page - Central Technologies CTVP Datasheet HTML 3Page - Central Technologies CTVP Datasheet HTML 4Page - Central Technologies CTVP Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.22.15
www.ctparts.com
SPECIFICATIONS
SMD Transformers
Part Number
(1)Inductance
Nom.
(µH)
(2)Isat
Typ.
(A)
(3)Leakage Inductance
Typ.
(µH)
(4)DCR
Max.
(
W)
(5)Irms
Typ.
(A)
CTVP15F-1311
132 ±30%
0.07
0.13
0.14
0.97
CTVP15F-6301
63.2 ±30%
0.10
0.06
0.06
1.47
CTVP15F-2301
23.3 ±20%
0.41
0.13
0.14
0.97
CTVP15F-1101
11.2 ±20%
0.59
0.06
0.06
1.47
CTVP15F-1401
14.2 ±20%
0.67
0.13
0.14
0.97
CTVP15F-0681
6.8 ±20%
0.97
0.06
0.06
1.47
CTVP15F-0931
9.3 ±20%
1.02
0.13
0.14
0.97
CTVP15F-0451
4.5 ±20%
1.46
0.06
0.06
1.47
CTVP15F-0791
7.94 ±20%
1.19
0.13
0.14
0.97
CTVP15F-0381
3.8 ±20%
1.73
0.06
0.06
1.47
CTVP17F-1611
159.7 ±30%
0.11
0.16
0.09
1.41
CTVP17F-8701
87.0 ±30%
0.15
0.08
0.06
1.70
CTVP17F-2401
23.7 ±20%
0.65
0.16
0.09
1.41
CTVP17F-1101
11.3 ±20%
0.95
0.08
0.06
1.70
CTVP17F-1301
12.7 ±20%
1.21
0.16
0.09
1.41
CTVP17F-0601
6.1 ±20%
1.75
0.08
0.06
1.70
CTVP17F-1001
10.1 ±20%
1.52
0.16
0.09
1.41
CTVP17F-0491
4.9 ±20%
2.18
0.08
0.06
1.70
CTVP17F-0791
7.94 ±20%
1.94
0.16
0.09
1.41
CTVP17F-0381
3.8 ±20%
2.81
0.08
0.06
1.70
CTVP20F-1711
173 ±30%
0.14
0.24
0.07
1.70
CTVP20F-7701
76.8 ±30%
0.20
0.11
0.05
2.08
CTVP20F-2201
22.3 ±20%
1.05
0.24
0.07
1.70
CTVP20F-0991
9.9 ±20%
1.60
0.11
0.05
2.08
CTVP20F-1201
12 ±20%
1.96
0.24
0.07
1.70
CTVP20F-0531
5.3 ±20%
2.95
0.11
0.05
2.08
CTVP20F-0971
9.65 ±20%
2.43
0.24
0.07
1.70
CTVP20F-0431
4.3 ±20%
3.63
0.11
0.05
2.08
CTVP20F-0761
7.63 ±20%
3.07
0.24
0.07
1.70
CTVP20F-0301
3.4 ±20%
4.59
0.11
0.05
2.08
NOTeS FROM TAbLeS
1.
L(nom) = Nominal Inductance of a single winding.
Peak current that will result in 30% saturation of the core. This current value
2.
assumes that equal current flows in all six windings.
CTVP11F and CTVP14F: Pins 4-1 with other pins shorted.
3.
CTVP15F, CTVP17F and CTVP20F: Pins 1-12 with other pins shorted.
Maximum DC Resistance of each winding.
4.
RMS current that results in a surface temperature of approximately 40°C
5.
above ambient. The 40°C rise occurs when the specified current flows
through each of the six windings.
PAGE 2 OF 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com