Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTVP Datasheet(PDF) 3 Page - Central Technologies

Part # CTVP
Description  SMD Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTVP Datasheet(HTML) 3 Page - Central Technologies

  CTVP Datasheet HTML 1Page - Central Technologies CTVP Datasheet HTML 2Page - Central Technologies CTVP Datasheet HTML 3Page - Central Technologies CTVP Datasheet HTML 4Page - Central Technologies CTVP Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.22.15
www.ctparts.com
PHySICAl dImENSIONS
SMD Transformers
CTVP11F Series
(Unit: mm)
CTVP14F Series
(Unit: mm)
7
13.0Max.
6
12
1
Top View
14.0
10.0
Suggested Pad Layout
0.7±0.1
2.0±0.1
1
6
4
1
5
2
6
3
10
7
11
8
12
9
1:1:1:1:1:1±3%
Schematic
16.8Max.
7
12
6
1
Top View
18.0
13.0
Suggested Pad Layout
0.7±0.1
16.3Max.
4
1
5
2
6
3
10
7
11
8
12
9
1:1:1:1:1:1±3%
Schematic
PAGE 3 OF 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com