Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525DWDPMC Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # MB91F525DWDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DWDPMC Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button MB91F525DWDPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 37Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 34 of 280
MB91520 Series
Pin No.
Pin Name
Polarity
I/O
Circuit
types*8
Function*9
64
80
100
120
144
176
20
25
30
36
42
52
AVRH1
-
-
Upper limit reference voltage for AD
convertor unit1
38
46
57
67
83
102
AVRH0
-
-
Upper limit reference voltage for AD
convertor unit0
21
26
31
37
43
53
AVSS1/
AVRL1
-
-
GND for AD/DA convertor unit1
Lower limit reference voltage for AD
convertor unit1
37
45
56
66
82
101
AVSS0/
AVRL0
-
-
GND for AD/DA convertor unit0
Lower limit reference voltage for AD
convertor unit0
60
74
93
110
130
158
C
-
-
External capacity connection output
-
20
25
30
36
44
VCC
-
-
+5.0V power supply
32
40
50
60
72
88
-
61
76
91
109
133
64
80
100
120
144
176
1
1
1
1
1
1
VSS
-
-
GND
-
21
26
31
37
45
33
41
51
61
73
89
-
60
75
90
108
132
55
69
85
101
120
148
59
73
92
109
129
157
*1: There is a restriction of pin functions. See "Pin Name" of this table.
*2: not supported in 64 pin
*3: not supported in 80 pin
*4: not supported in 100 pin
*5: not supported in 120 pin
*6: not supported in 144 pin
*7: not supported in 176 pin
*8: For the I/O circuit types, see I/O Circuit Type.
*9: For switching, see "I/O Port" in HARDWARE MANUAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com