Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525DWDPMC Datasheet(PDF) 61 Page - Cypress Semiconductor

Part # MB91F525DWDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DWDPMC Datasheet(HTML) 61 Page - Cypress Semiconductor

Back Button MB91F525DWDPMC Datasheet HTML 57Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 58Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 59Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 60Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 61Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 62Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 63Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 64Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 65Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 61 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
000440H
ICR00 [R/W] B,H,W
---11111
ICR01 [R/W] B,H,W
---11111
ICR02 [R/W] B,H,W
---11111
ICR03 [R/W] B,H,W
---11111
Interrupt Controller [S]
000444H
ICR04 [R/W] B,H,W
---11111
ICR05 [R/W] B,H,W
---11111
ICR06 [R/W] B,H,W
---11111
ICR07 [R/W] B,H,W
---11111
000448H
ICR08 [R/W] B,H,W
---11111
ICR09 [R/W] B,H,W
---11111
ICR10 [R/W] B,H,W
---11111
ICR11 [R/W] B,H,W
---11111
00044CH
ICR12 [R/W] B,H,W
---11111
ICR13 [R/W] B,H,W
---11111
ICR14 [R/W] B,H,W
---11111
ICR15 [R/W] B,H,W
---11111
000450H
ICR16 [R/W] B,H,W
---11111
ICR17 [R/W] B,H,W
---11111
ICR18 [R/W] B,H,W
---11111
ICR19 [R/W] B,H,W
---11111
000454H
ICR20 [R/W] B,H,W
---11111
ICR21 [R/W] B,H,W
---11111
ICR22 [R/W] B,H,W
---11111
ICR23 [R/W] B,H,W
---11111
000458H
ICR24 [R/W] B,H,W
---11111
ICR25 [R/W] B,H,W
---11111
ICR26 [R/W] B,H,W
---11111
ICR27 [R/W] B,H,W
---11111
00045CH
ICR28 [R/W] B,H,W
---11111
ICR29 [R/W] B,H,W
---11111
ICR30 [R/W] B,H,W
---11111
ICR31 [R/W] B,H,W
---11111
000460H
ICR32 [R/W] B,H,W
---11111
ICR33 [R/W] B,H,W
---11111
ICR34 [R/W] B,H,W
---11111
ICR35 [R/W] B,H,W
---11111
000464H
ICR36 [R/W] B,H,W
---11111
ICR37 [R/W] B,H,W
---11111
ICR38 [R/W] B,H,W
---11111
ICR39 [R/W] B,H,W
---11111
000468H
ICR40 [R/W] B,H,W
---11111
ICR41 [R/W] B,H,W
---11111
ICR42 [R/W] B,H,W
---11111
ICR43 [R/W] B,H,W
---11111
00046CH
ICR44 [R/W] B,H,W
---11111
ICR45 [R/W] B,H,W
---11111
ICR46 [R/W] B,H,W
---11111
ICR47 [R/W] B,H,W
---11111
000470H
to
00047CH
―
―
―
―
Reserved [S]
000480H
RSTRR [R]
B,H,W
XXXX--XX
RSTCR [R/W]
B,H,W
111----0
STBCR [R/W]
B,H,W *
000---11
―
Reset Control [S]
Power Control [S]
*: Writing STBCR by DMA is
forbidden
000484H
―
―
―
―
Reserved [S]
000488H
DIVR0 [R/W] B,H,W
000-----
DIVR1 [R/W] B,H,W
0001----
DIVR2 [R/W] B,H,W
0011----
―
Clock Control [S]
00048CH
―
―
―
―
Reserved [S]
000490H
IORR0 [R/W] B,H,W
-0000000
IORR1 [R/W] B,H,W
-0000000
IORR2 [R/W] B,H,W
-0000000
IORR3 [R/W] B,H,W
-0000000
DMA request by
peripheral [S]
000494H
IORR4 [R/W] B,H,W
-0000000
IORR5 [R/W] B,H,W
-0000000
IORR6 [R/W] B,H,W
-0000000
IORR7 [R/W] B,H,W
-0000000
000498H
IORR8 [R/W] B,H,W
-0000000
IORR9 [R/W] B,H,W
-0000000
IORR10 [R/W] B,H,W
-0000000
IORR11 [R/W] B,H,W
-0000000
00049CH
IORR12 [R/W] B,H,W
-0000000
IORR13 [R/W] B,H,W
-0000000
IORR14 [R/W] B,H,W
-0000000
IORR15 [R/W] B,H,W
-0000000
DMA request by
peripheral [S]
0004A0H
―
―
―
―
Reserved
0004A4H
CANPRE [R/W]
B,H,W
---00000
―
―
―
CAN prescaler
0004A8H
―
―
CSCFG[R/W]B,H,W
---0----
CMCFG[R/W]B,H,W
00000000
Clock monitor control
register
0004ACH
ADERH0[R/W] B,H
11111111 11111111
ADERL0[R/W] B,H
11111111 11111111
Analog input control register
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com