Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525DWDPMC Datasheet(PDF) 87 Page - Cypress Semiconductor

Part # MB91F525DWDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DWDPMC Datasheet(HTML) 87 Page - Cypress Semiconductor

Back Button MB91F525DWDPMC Datasheet HTML 83Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 84Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 85Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 86Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 87Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 88Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 89Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 90Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 87 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
001804H
―
― /(SCSFR24)
[R/W] B,H,W
-------- *3
― /(SCSFR14)
[R/W] B,H,W
-------- *3
― /(SCSFR04)
[R/W] B,H,W
-------- *3
Multi-UART4
*3: Reserved because CSIO
mode is not set immediately
after reset.
*4: Reserved because
LIN2.1 mode is not set
immediately after reset.
001808H
―/(TBYTE34)/
(LAMESR4)
[R/W] B,H,W
-------- *3
―/(TBYTE24)/
(LAMERT4)
[R/W] B,H,W
-------- *3
―/(TBYTE14)/
(LAMIER4)
[R/W] B,H,W
-------- *3
TBYTE04/(LAMRID4)
/
(LAMTID4)
[R/W] B,H,W
00000000
00180CH
BGR4[R/W] H, W
00000000 00000000
― /(ISMK4)[R/W]
B,H,W
-------- *2
― /(ISBA4)[R/W]
B,H,W
-------- *2
001810H
FCR14[R/W]
B,H,W
---00100
FCR04[R/W]
B,H,W
-0000000
FBYTE4[R/W] B,H,W
00000000 00000000
001814H
FTICR4[R/W] B,H,W
00000000 00000000
―
―
001818H
SCR5/(IBCR5) [R/W]
B,H,W
0--00000
SMR5[R/W] B,H,W
000-00-0
SSR5[R/W] B,H,W
0-000011
ESCR5/(IBSR5)[R/W
] B,H,W
00000000
Multi-UART5
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
*3: Reserved because CSIO
mode is not set immediately
after reset.
*4: Reserved because
LIN2.1 mode is not set
immediately after reset.
00181CH
― /(RDR15/(TDR15))[R/W] B,H,W
-------- -------- *3
RDR05/(TDR05)[R/W] B,H,W
-------0 00000000 *1
001820H
SACSR5[R/W] B,H,W
0----000 00000000
STMR5[R] B,H,W
00000000 00000000
001824H
STMCR5[R/W] B,H,W
00000000 00000000
― /(SCSCR5/SFUR5)[R/W] B,H,W
-------- -------- *3 *4
001828H
― /(SCSTR35)/
(LAMSR5)
[R/W] B,H,W
-------- *3
― /(SCSTR25)/
(LAMCR5)
[R/W] B,H,W
-------- *3
― /(SCSTR15)/
(SFLR15)
[R/W] B,H,W
-------- *3
― /(SCSTR05)/
(SFLR05)
[R/W] B,H,W
-------- *3
00182CH
―
― /(SCSFR25)
[R/W] B,H,W
-------- *3
― /(SCSFR15)
[R/W] B,H,W
-------- *3
― /(SCSFR05)
[R/W] B,H,W
-------- *3
001830H
―/(TBYTE35)/
(LAMESR5)
[R/W] B,H,W
-------- *3
―/(TBYTE25)/
(LAMERT5)
[R/W] B,H,W
-------- *3
―/(TBYTE15)/
(LAMIER5)
[R/W] B,H,W
-------- *3
TBYTE05/(LAMRID5)
/
(LAMTID5)
[R/W] B,H,W
00000000
001834H
BGR5[R/W] H, W
00000000 00000000
― /(ISMK5)[R/W]
B,H,W
-------- *2
― /(ISBA5)[R/W]
B,H,W
-------- *2
001838H
FCR15[R/W]
B,H,W
---00100
FCR05[R/W]
B,H,W
-0000000
FBYTE5[R/W] B,H,W
00000000 00000000
00183CH
FTICR5[R/W] B,H,W
00000000 00000000
―
―
001840H
SCR6/(IBCR6) [R/W]
B,H,W
0--00000
SMR6[R/W] B,H,W
000-00-0
SSR6[R/W] B,H,W
0-000011
ESCR6/(IBSR6)[R/W
] B,H,W
00000000
Multi-UART6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com