Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525DWDPMC Datasheet(PDF) 134 Page - Cypress Semiconductor

Part # MB91F525DWDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DWDPMC Datasheet(HTML) 134 Page - Cypress Semiconductor

Back Button MB91F525DWDPMC Datasheet HTML 130Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 131Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 132Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 133Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 134Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 135Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 136Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 137Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 138Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 134 of 280
MB91520 Series
*8: It is a standard when four-layer substrate is used.
*9: Corresponding pins: General-purpose ports other than those of P103, P104, P105 and P106.
*10: Corresponding pins: General-purpose ports of P103, P104, P105 and P106.
Sample Recommended Circuit
MB91520 series
+B input (12 to 16V)
Protective diode
Limiting resistor current
<WARNING>
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage, current or
temperature) in excess of absolute maximum ratings. Do not exceed any of these ratings.
Recommended Operating Conditions
(VSS = AVSS = 0.0 V)
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC,
AVCC
4.5
5.5
V
Recommended operation
guarantee range (When 5.0 V is
used)
3.0
3.6
V
Recommended operation
guarantee range (When 3.3 V is
used)
2.7
5.5
V
Operation guarantee range*1
Smoothing capacitor *2
CS
4.7
(tolerance within ±50 %)
µF
Use a ceramic capacitor or a
capacitor that has the similar
frequency characteristics. Use a
capacitor with a capacitance
greater than CS as the smoothing
capacitor on the VCC pin.
Operating temperature
TA
-40
+105
°C
-40
+125
°C
*3
*1: When it is used outside recommended operation guarantee range (range of the operation guarantee),contact your sales
representative.
The initial detection voltage of the external low voltage detection is 2.8 V ± 8 % (2.576 V to 3.024 V). This LVD setting
and internal LVD cannot be used to reliably generate a reset before voltage dips below minimum guaranteed
operation voltage, as these detection levels are below the minimum guaranteed MCU operation voltage. Below the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com