Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL2100-DS01-405-R Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 35Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 36Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 37Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 38Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 39Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 40Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 41Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 42Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Common Registers
Page 31
Sectio n 5: 4B/5B Code-G ro up Ta bl e
Table 42: 4B/5B Code-Group Table
Symbol Name
4B Code
5B Code
Description
0
0000
11110
Data 0
1
0001
01001
Data 1
2
0010
10100
Data 2
3
0011
10101
Data 3
4
0100
01010
Data 4
5
0101
01011
Data 5
6
0110
01110
Data 6
7
0111
01111
Data 7
8
1000
10010
Data 8
9
1001
10011
Data 9
A
1010
10110
Data A
B
1011
10111
Data B
C
1100
11010
Data C
D
1101
11011
Data D
E
1110
11100
Data E
F
1111
11101
Data F
Idle and Control Code
I
0000
11111
Idle
J
0101
11000
Start of stream delimiter, part 1 of 2; always use in pair with K symbol.
K
0101
10001
Start of stream delimiter, part 2 of 2; always use in pair with J symbol.
T
Undefined
01101
End of stream delimiter, part 1 of 2; always use in pair with R symbol.
R
Undefined
00111
End of stream delimiter, part 2 of 2; always use in pair with T symbol.
Invalid Code
H
Undefined
00100
Transmit Error; used to send HALT code-group
V
Undefined
00000
Invalid code
V
Undefined
00001
Invalid code
V
Undefined
00010
Invalid code
V
Undefined
00011
Invalid code
V
Undefined
00101
Invalid code
V
Undefined
00110
Invalid code
V
Undefined
01000
Invalid code
V
Undefined
01100
Invalid code
V
Undefined
10000
Invalid code
V
Undefined
11001
Invalid code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com