Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL2100-DS01-405-R Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 5 Page - Broadcom Corporation.

  AL2100-DS01-405-R Datasheet HTML 1Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 2Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 3Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 4Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 5Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 6Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 7Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 8Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
Table of Contents
Page iii
Common Registers .................................................................................................................................... 27
Mode Control Register .......................................................................................................................... 27
Common Register 1, 2, and 3 ............................................................................................................... 28
LED Blink Rate Register 4 .................................................................................................................... 28
LED0 Setting1 Register 5 ..................................................................................................................... 28
LED0 Setting2 Register 6 ..................................................................................................................... 28
LED1 Setting1 Register 7 ..................................................................................................................... 28
LED1 Setting2 Register 8 ..................................................................................................................... 29
LED2 Setting1 Register 9 ..................................................................................................................... 29
LED2 Setting2 Register 10 ................................................................................................................... 29
LED3 Setting1 Register 11 ................................................................................................................... 30
LED3 Setting2 Register 12 ................................................................................................................... 30
LED4 Setting1 Register 13 ................................................................................................................... 30
LED4 Setting2 Register 14 ................................................................................................................... 30
Section 5: 4B/5B Code-Group Table ................................................................................ 31
Section 6: SMI Read/Write Sequence............................................................................... 32
Section 7: Electrical Specifications ................................................................................. 33
Absolute Maximum Ratings ...................................................................................................................... 33
Recommended Operating Conditions...................................................................................................... 33
Electrical Characteristics .......................................................................................................................... 33
Section 8: Timing and AC Characteristics ...................................................................... 35
Clock Timing............................................................................................................................................... 35
Reset Timing............................................................................................................................................... 35
Management Data Interface Timing.......................................................................................................... 36
Section 9: TX Application Termination ............................................................................ 37
Section 10: FX Application Termination .......................................................................... 38
Section 11: Power and Ground Filtering .........................................................................39
Section 12: Package Dimensions (48-Pin TQFP) ............................................................ 40
Section 13: Thermal Characteristics................................................................................ 41
Section 14: Ordering Information..................................................................................... 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com