Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL2100-DS01-405-R Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # AL2100-DS01-405-R
Description  Ultra Low-Power 100 Mbps Ethernet Media Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AL2100-DS01-405-R Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button AL2100-DS01-405-R Datasheet HTML 9Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 10Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 11Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 12Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 13Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 14Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 15Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 16Page - Broadcom Corporation. AL2100-DS01-405-R Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Preliminary Data Sheet
AL2100
11/11/02
Broa d c om Co rp o r a ti o n
Document
AL2100-DS01-405-R
100Base-TX to 100Base-FX Conversion
Page 5
Secti on 3: Fu nction al Descri p ti on
The AL2100 contains a physical layer interface (PHY) for 100BASE-TX, and a PHY for 100BASE-FX networks. The PHY
contains all the necessary functions, such as elastic store, quantizer, and driver circuits, to complete a media converter
design. The device converts the MLT3 scrambled symbols from the twisted-pair (TP) input port into 4B5B NRZI encoded
data, and transmits it over the fiber media. The 4B5B NRZI encoded data from the fiber-input port is converted to a scrambled
MLT3 symbol stream for TP transmission.
The device also supports far-end fault detection (fiber-only), and links status propagation. If any port is in a link-fail state, the
device cease transmitting data, and disables the appropriate output port. In essence, the device is transparent in regard to
the connecting links. The media converter uses an elastic store to retime the received signal.
The AL2100 supports redundant link applications. A redundant link can be formed by either a switch with the 100BASE-FX
transceiver that supports far-end fault signaling or two AL2100s. In the event of a link failure, the redundant link is
automatically established.
100BASE-TX TO 100BASE-FX CONVERSION
The AL2100's 100BASE-TX receiver receives the scramble MLT3 signals, and passes them to the clock recovery circuit for
data/clock extraction.The device de-scrambles the signals, and decodes them into an NRZ data stream. The signal is then
passed through elastic-store circuitry for retiming. The resulting signal is converted into a serial NRZI data stream, and sent
to the 100Base-FX transmitter.
100BASE-FX TO 100BASE-TX CONVERSION
The AL2100's 100BASE-FX receiver receives the NRZI data stream through the PECL receiver inputs, and passes them on
to the clock recovery circuit for data/clock extraction. The device feeds the signals through elastic-store circuitry for retiming
and encoding the NRZI data, and conversion to scramble MLT3 signals. The signals are sent to the 100BASE-TX
transmitter.
FULL DUPLEX APPLICATION
The ideal function of a media converter chip provides a full-duplex transparent media link. The AL2100 supports full
IEEE 802.3-compliant auto-negotiation functions. Auto-negotiation can be enabled to negotiate with the link partner for full-
duplex applications.
ELASTIC STORE
The AL2100 provides an on-chip elastic store. With the elastic store in place, the device retimes the received signal, and
removes jitter. In order to reduce the latency, preambles are inserted to the packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com