Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5520-DS04-405-R Datasheet(PDF) 63 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 63 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 59Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 60Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 61Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 62Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 63Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 64Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 65Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 66Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 67Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Multiple PHY Register
Page 51
Block TXEN Mode
When this mode is enabled, short IPGs of 1, 2, 3 or 4 TXC cycles results in the insertion of two IDLEs before the beginning
of the next packet’s JK symbols.
AUXILIARY MULTIPLE PHY REGISTER
HCD Bits
Bits 15:11 of the Auxiliary Multiple PHY register are 5 read-only bits that report the Highest Common Denominator (HCD)
result of the auto-negotiation process. Immediately upon entering the link pass state after each reset or restart auto-
negotiation, only 1 of these 5 bits is 1. The link pass state is identified by a 1 in bit 6 or 7 of this register. The HCD bits are
reset to 0 every time auto-negotiation is restarted or the BCM5220 is reset. For their intended application, these bits uniquely
identify the HCD only after the first link pass after reset or restart of auto-negotiation. On later Link Fault and subsequent re-
negotiations, if the ability of the link partner is different, more than 1 of the above bits can be active.
Table 29: Auxiliary Multiple PHY Register (Address 30d, 1Eh)
Bit
Name
R/W
Description
Default
15
HCD_TX_FDX
RO
1 = Auto-negotiation result is 100BASE-TX full-duplex
0
14
HCD_T4
RO
1 = Auto-negotiation result is 100BASE-T4
0
13
HCD_TX
RO
1 = Auto-negotiation result is 100BASE-TX
0
12
HCD_10BASE-T_FDX
RO
1 = Auto-negotiation result is 10BASE-T full-duplex
0
11
HCD_10BASE-T
RO
1 = Auto-negotiation result is 10BASE-T
0
10:9
Reserveda
RO
Ignore when read
00
8
Restart Auto-Negotiation
R/W
(SC)
1 = Restart auto-negotiation process
0 = (No effect)
0
7
Auto-Negotiation Complete
RO
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
0
6
Acknowledge Complete
RO
1 = Auto-negotiation acknowledge completed
0
5
Acknowledge Detected
RO
1 = Auto-negotiation acknowledge detected
0
4
Ability Detect
RO
1 = Auto-negotiation waiting for LP ability
0
3
Super Isolate
R/W
1 = Super isolate mode
0 = Normal operation
0
2
Reserveda
RO
Ignore when read
0
1
10BASE-T Serial Mode
R/W
1 = Enable 10BASE-T serial mode
0 = Disable 10BASE-T serial mode
0
0
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
R/W
Write as 0, Ignore when read
0
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com