Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5520-DS04-405-R Datasheet(PDF) 71 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 71 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 67Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 68Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 69Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 70Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 71Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 72Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 73Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 74Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 75Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Status 4 Register (Shadow Register)
Page 59
Figure 3: Clock and Reset Timing
Table 39 provides the parameters for 100BASE-X transmit timing. Figure 4 illustrates the 100BASE-TX transmit start of
packet timing and Figure 5 on page 60 shows the100BASE-TX transmit end of packet timing.
Table 39: MII 100BASE-X Transmit Timing
Parameter
Symbol
Min
Typ
Max
Unit
TXC Cycle Time
40
ns
TXC High/Low Time
16
20
24
ns
TXC Rise/Fall Time
2
5
ns
TXEN, TXD[3:0] Setup Time to TXC rising
TXEN_SETUP
10
ns
TXEN, TXD[3:0] Hold Time from TXC rising
TXEN_HOLD
0
ns
TD
± after TXEN Assert (unsampled)
TXEN_TDATA
100
ns
TXD to TD
± Steady State Delay
TXD_TDATA
100
ns
CRS Assert after TXEN Assert
TXEN_CRS
11
ns
CRS Deassert after TXEN Deassert
TXEN_CRS_EOP
11
ns
COL Assert after TXEN Assert (while RX)
TXEN_COL
17
ns
COL Deassert after TXEN Deassert (while RX)
TXEN_COL_EOP
17
ns
XTALI
RESET#
Normal PHY
RESET_LEN
RESET_WAIT
CK_HI
CK_CYCLE
CK_EDGE
CK_LO
CK_EDGE
activity begins here
RESET_EDGE
RESET_EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com