Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5520-DS04-405-R Datasheet(PDF) 21 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 21 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 17Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 18Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 19Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 20Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 21Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 22Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 23Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 24Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 25Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
MII Management
Page 9
F6
37
F100
TCK
IPU
Force 100BASE-X Control. When 100BASE-FX mode is not
selected, the F100 function is enabled. When F100 is high and
ANEN is low, the transceiver is forced to 100BASE-TX operation.
When F100 is low and ANEN is low, the transceiver is forced to
10BASE-T operation. When ANEN is high, F100 has no effect on
operation.
Test Clock. This pin becomes TCK if JTAG_EN pin is high.
Clock input used to synchronize JTAG TAP control and data
transfers.
F7
38
ANEN
TRST#
IPU
Auto-Negotiation Enable. When 100BASE-FX is not selected,
the ANEN function is enabled. ANEN is active high. When pulled
high, auto-negotiation begins immediately after reset. When low,
auto-negotiation is disabled by default.
Test Reset. This pin becomes TRST# if JTAG_EN pin is high.
Asynchronous active low reset input to the JTAG TAP Controller.
Must be set low to ensure the TAP Controller initializes to the
test-logic-reset state.
G2
G1
21
19
SD+
SD-
IPD
100BASE-FX Signal Detect. 100BASE-FX mode is selected if
SD+/- pins are presented with a valid PECL differential signal.
Leaving this pin unconnected or connecting them to ground
causes the BCM5220 to operate in TX mode. When 100BASE-
FX is selected, SD+ and SD
− indicate signal quality status on the
fiber optic link. When the signal quality is good, the SD+ pin will
be high relative to the SD
− pin.
E4
15
TESTEN
IPD
Test Mode Enable. Active high. Can float or be grounded for
normal operation.
F1
16
LOW_PWR
IPD
Low Power Mode Enable. Active high input places the
BCM5220 into Low Power operation with the chip deactivated
except for the energy detect block and the crystal oscillator.
When asserted with RESET# pulled low, the entire chip is
deactivated (Power Off mode).
F2
17
ENERGY_DET
O3S
Energy Detection. Active high output indicates the presence of
a signal on RD+/
− receive analog wire pair. Operational in all
modes of operation except IDDQ.
Bias
H3
23
RDAC
B
DAC Bias Resistor. Adjusts the current level of the transmit
DAC. A resistor of 1.27 k
Ω±1% must be connected between the
RDAC pin and GND.
LEDs
H8
35
LNKLED#
TDI
I/OPU
Link Integrity LED. The Link Integrity LED indicates the link
status of the PHY. LNKLED# is driven low when the link to the
PHY is good. When bit 12 of register 1Dh is set to 1, LNKLED#
is driven low when the 100BASE-TX link is good.
Test Data Input. This pin becomes TDI if JTAG_EN is high.
Serial data input to the JTAG TAP controller. This pin is sampled
on the rising edge of TCK.
Table 3: Pin Descriptions (Cont.)
5220KPB 5220KPT
Pin Label
Type
Description
[MSB:LSB]; # = active-low signal, I = input, O = output, I/O = bidirectional, IPU = input w/ internal pull-up, OOD = open-drain
output, O3S = three-state output, B = Bias, PWR = power supply, GND = ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com