Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS01-R Datasheet(PDF) 36 Page - Broadcom Corporation.

Part # 5222-DS01-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS01-R Datasheet(HTML) 36 Page - Broadcom Corporation.

Back Button 5222-DS01-R Datasheet HTML 32Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 33Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 34Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 35Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 36Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 37Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 38Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 39Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 40Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 24
Auto-Negotiation Link Partner (LP) Ability Register
Document 5222-DS02-405-R
AUTO-NEGOTIATION LINK PARTNER (LP) ABILITY REGISTER
The values contained in the Auto-Negotiation Link Partner Ability register are only guaranteed to be valid after auto-
negotiation has successfully completed, as indicated by bit 5 of the MII Status register.
LP NEXT PAGE
Bit 15 of the Link Partner Ability register returns a value of 1 when the link partner implements the next page function and
has next page information that it wants to transmit.
LP ACKNOWLEDGE
Bit 14 of the Link Partner Ability register is used by auto-negotiation to indicate that a device has successfully received its
link partner’s link code word.
LP REMOTE FAULT
Bit 13 of the Link Partner Ability register returns a value of 1 when the link partner signals that a remote fault has occurred.
The BCM5222 simply copies the value to this register and does not act upon it.
Reserved Bits
Ignore when read.
LP Advertise Pause
Indicates that the Link Partner Pause bit is set.
Table 11: Auto-Negotiation Link Partner Ability Register (Address 05d, 05h)
Bit
Name
R/W
Description
Default
15
LP Next Page
RO
Link partner next page bit
0
14
LP Acknowledge
RO
Link partner acknowledge bit
0
13
LP Remote Fault
RO
Link partner remote fault indicator
0
12:11
Reserved
RO
Ignore when read
00
10
LP Advertise Pause
RO
Link partner has pause capability
0
9
LP Advertise 100BASE-T4
RO
Link partner has 100BASE-T4 capability
0
8
LP Advertise 100BASE-TX FDX
RO
Link partner has 100BASE-TX FDX capability
0
7
LP Advertise 100BASE-TX
RO
Link partner has 100BASE-TX capability
0
6
LP Advertise 10BASE-T FDX
RO
Link partner has 10BASE-T FDX capability
0
5
LP Advertise 10BASE-T
RO
Link partner has 10BASE-T capability
0
4:0
Link Partner Selector Field
RO
Link partner selector field
00000
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com