Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS01-R Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # 5222-DS01-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS01-R Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button 5222-DS01-R Datasheet HTML 35Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 36Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 37Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 38Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 39Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 40Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 41Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 42Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Auto-Negotiation Link Partner (LP) Next Page Transmit Register
Page 27
ACKNOWLEDGE 2
Indicates that a device has the ability to comply with the message.
TOGGLE
Used by the Arbitration function to ensure synchronization with the link partner during next page exchange.
MESSAGE CODE FIELD
An 11-bit-wide field, encoding 2048 possible messages.
UNFORMATTED CODE FIELD
An 11-bit-wide field, which may contain an arbitrary value.
AUTO-NEGOTIATION LINK PARTNER (LP) NEXT PAGE TRANSMIT
REGISTER
NEXT PAGE
Indicates whether this is the last next page.
Table 14: Next Page Transmit Register (Address 08d, 08h)
Bit
Name
R/W
Description
Default
15
Next Page
RO
1 = Additional next page(s) will follow
0 = Last page
0
14
Reserved
RO
Ignore when read
0
13
Message Page
RO
1= Message page
0 = Unformatted page
0
12
Acknowledge 2
RO
1 = Will comply with message
0 = Cannot comply with message
0
11
Toggle
RO
1 = Previous value of the transmitted link code word
equalled logic zero
0 = Previous value of the transmitted link code word
equalled logic one
0
10:0
Message/Unformatted Code
Field
RO
0
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com