Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS01-R Datasheet(PDF) 37 Page - Broadcom Corporation.

Part # 5222-DS01-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS01-R Datasheet(HTML) 37 Page - Broadcom Corporation.

Back Button 5222-DS01-R Datasheet HTML 33Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 34Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 35Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 36Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 37Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 38Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 39Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 40Page - Broadcom Corporation. 5222-DS01-R Datasheet HTML 41Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Auto-Negotiation Expansion Register
Page 25
LP Advertise Bits
Bits 9:5 of the Link Partner Ability register reflect the abilities of the link partner. A 1 on any of these bits indicates that the
link partner is capable of performing the corresponding mode of operation. Bits 9:5 are cleared any time auto-negotiation is
restarted or the BCM5222 is reset.
LP Selector Field
Bits 4:0 of the Link Partner Ability register reflect the value of the link partner’s selector field. These bits are cleared any time
auto-negotiation is restarted or the chip is reset.
AUTO-NEGOTIATION EXPANSION REGISTER
Table 14 shows the Auto-Negotiation Expansion register bit descriptions.
RESERVED BITS
Ignore when read.
PARALLEL DETECTION FAULT
Bit 4 of the Auto-Negotiation Expansion register is a read-only bit that gets latched high when a parallel detection fault occurs
in the auto-negotiation state machine. For further details, refer to the IEEE standard. The bit is reset to 0 after the register is
read, or when the chip is reset.
LINK PARTNER NEXT PAGE ABLE
Bit 3 of the Auto-Negotiation Expansion register returns a 1 when the link partner has next page capabilities. It has the same
value as bit 15 of the Link Partner Ability register.
Table 12: Auto-Negotiation Expansion Register (Address 00110b, 6d, 06h)
Bit
Name
R/W
Description
Default
15:5
Reserved
RO
Ignore when read
4
Parallel Detection Fault
RO
LH
1 = Parallel detection fault
0 = No parallel detection fault
0
3
Link Partner Next Page Able
RO
1 = Link partner has next page capability
0 = Link partner does not have next page
0
2
Next Page Able
RO
1 = BCM5222 does have next page capability
1
1
Page Received
RO
1 = New page has been received
0 = New page has not been received
0
0
Link Partner Auto-
Negotiation Able
RO
LH
1 = Link partner has auto-negotiation capability
0 = Link partner does not have auto-negotiation
0
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = latched low, LH = latched high (LL and LH are cleared
after read operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com