Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6.3X32 Datasheet(PDF) 3 Page - Schurter Inc.

Part # FST6.3X32
Description  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST6.3X32 Datasheet(HTML) 3 Page - Schurter Inc.

  FST6.3X32 Datasheet HTML 1Page - Schurter Inc. FST6.3X32 Datasheet HTML 2Page - Schurter Inc. FST6.3X32 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Fuses
FST 6.3x32
https://www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.15 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.8
250
1)
320
140
100
2.2 0034.3416
1
250
1)
270
140
200
3.6 0034.3417
1.25
250
1)
250
100
200
7 0034.3418
1.6
250
1)
200
100
200
15 0034.3419
2
250
1)
200
90
200
27 0034.3420
█
2.5
250
1)
200
80
300
48 0034.3421
3.15
250
1)
200
80
300
72 0034.3422
█
4
250
2)
200
80
400
131 0034.3423
█
5
250
2)
200
80
500
218 0034.3424
█
6.3
250
2)
200
80
700
300 0034.3425
█
8
250
2)
200
120
1500
500 0034.3426
10
250
2)
200
110
1600
670 0034.3427
█
12.5
250
2)
180
100
1700
1070 0034.3428
█
16
250
2)
150
90
2200
1720 0034.3429
█
20
250
2)
150
100
3300
3520 0034.3430
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-
SCHURTER
1) 35 A @ 250 VAC , p.f. = 1.0
2) 10 In @ 250 VAC, p.f. = 1.0
Packaging Unit
Small Box Pack (10 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com