Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6.3X32 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FST6.3X32
Description  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST6.3X32 Datasheet(HTML) 1 Page - Schurter Inc.

  FST6.3X32 Datasheet HTML 1Page - Schurter Inc. FST6.3X32 Datasheet HTML 2Page - Schurter Inc. FST6.3X32 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuses
FST 6.3x32
https://www.schurter.com /PG01_2
Fuses
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
See below:
Approvals and Compliances
250VAC · Time-Lag T
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
250 VAC
Rated current
0.25 - 20 A
Breaking Capacity
35 A - 200 A
Characteristic
Time-Lag T
Mounting
Fuseholder / Clip
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Tube
Glass
Material: Endcaps
Nickel-Plated Copper Alloy
Unit Weight
2.02 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Rated current, Rated Voltage, Cha-
racteristic, Approvals
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - FST6.3X32

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
186Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
213Kb / 4P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
More results

Similar Description - FST6.3X32

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00343401 SCHURTER-00343401 Datasheet
298Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
00345207 SCHURTER-00345207 Datasheet
274Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
00012521 SCHURTER-00012521 Datasheet
297Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
172600 SCHURTER-172600_18 Datasheet
184Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
172600 SCHURTER-172600_V02 Datasheet
179Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
04.01.2022
FST6.3X32 SCHURTER-FST6.3X32_V02 Datasheet
213Kb / 4P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com