Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6.3X32 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FST6.3X32
Description  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST6.3X32 Datasheet(HTML) 2 Page - Schurter Inc.

  FST6.3X32 Datasheet HTML 1Page - Schurter Inc. FST6.3X32 Datasheet HTML 2Page - Schurter Inc. FST6.3X32 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuses
FST 6.3x32
https://www.schurter.com /PG01_2
Fuses
Dimension [mm]
32 mm
31.8±1
Pre-Arcing Time
Rated Current In
2.0 x In min.
2.0 x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 10.0 x In min. 10.0 x In max.
0.25 A - 2 A
800 ms
20 s
150 ms
3 s
60 ms
1 s
10 ms
200 ms
2.5 A - 20 A
800 ms
20 s
200 ms
6 s
80 ms
2 s
15 ms
300 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 2 A
_> 2.5 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.15 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.25
250
1)
1200
590
200
0.4 0034.3411
0.315
250
1)
900
200
100
0.13 0034.3412
0.4
250
1)
650
180
100
0.3 0034.3413
0.5
250
1)
550
140
100
0.5 0034.3414
0.63
250
1)
450
140
100
1.2 0034.3415



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com