Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS645LSH Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS645LSH
Description  True Zero Speed Miniature Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS645LSH Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS645LSH Datasheet HTML 2Page - Allegro MicroSystems ATS645LSH Datasheet HTML 3Page - Allegro MicroSystems ATS645LSH Datasheet HTML 4Page - Allegro MicroSystems ATS645LSH Datasheet HTML 5Page - Allegro MicroSystems ATS645LSH Datasheet HTML 6Page - Allegro MicroSystems ATS645LSH Datasheet HTML 7Page - Allegro MicroSystems ATS645LSH Datasheet HTML 8Page - Allegro MicroSystems ATS645LSH Datasheet HTML 9Page - Allegro MicroSystems ATS645LSH Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
True Zero Speed Miniature Differential Peak-
Detecting Gear Tooth Sensor
ATS645LSH
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Characteristic Data
I1 Trim
Duty Cycle vs. Air Gap
100 RPM, VCC = 12 V
35
40
45
50
55
60
65
0
0.5
1
1.5
2
2.5
3
3.5
Air Gap (mm)
Duty Cycle vs. Air Gap
1000 RPM, VCC = 12 V
35
40
45
50
55
60
65
0
0.5
1
1.5
2
2.5
3
3.5
Air Gap (mm)
Duty Cycle vs. Target Speed
Air Gap 1.5 mm, VCC = 12 V
35
40
45
50
55
60
65
0
200
400
600
800
1000
1200
1400
1600
Target Speed (RPM)
Supply Current vs. Supply Voltage
0
3
6
9
12
15
18
0
5
10
15
20
25
30
VCC (V)
ICC(High)
ICC(Low)
TA, (ºC)
-40
25
150
TA, (ºC)
-40
25
150
TA, (ºC)
-40
25
150
TA, (ºC)
-40
25
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com