Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS645LSH Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS645LSH
Description  True Zero Speed Miniature Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS645LSH Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS645LSH Datasheet HTML 6Page - Allegro MicroSystems ATS645LSH Datasheet HTML 7Page - Allegro MicroSystems ATS645LSH Datasheet HTML 8Page - Allegro MicroSystems ATS645LSH Datasheet HTML 9Page - Allegro MicroSystems ATS645LSH Datasheet HTML 10Page - Allegro MicroSystems ATS645LSH Datasheet HTML 11Page - Allegro MicroSystems ATS645LSH Datasheet HTML 12Page - Allegro MicroSystems ATS645LSH Datasheet HTML 13Page - Allegro MicroSystems ATS645LSH Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
True Zero Speed Miniature Differential Peak-
Detecting Gear Tooth Sensor
ATS645LSH
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Power Supply Protection
The device contains an on-chip regulator and can operate over
a wide VCC range. For devices that need to operate from an
unregulated power supply, transient protection must be added
externally. For applications using a regulated line, EMI/RFI pro-
tection may still be required. Contact Allegro Microsystems for
information on the circuitry needed for compliance with various
EMC specifications. Refer to figure 7 for an example of a basic
application circuit.
Undervoltage Lockout
When the supply voltage falls below the undervoltage lockout
voltage, VCC(UV), the device enters Reset, where the output state
returns to the Power-On State (POS) until sufficient VCC is sup-
plied. ICC levels may not meet datasheet limits when
VCC < VCC(min).
Assembly Description
This sensor is integrally molded into a plastic body that has been
optimized for size, ease of assembly, and manufacturability.
High operating temperature materials are used in all aspects
of construction.
Figure 7: Typical Application Circuit
ATS645
VCC
GND
V+
0.01
1
4
µF
ECU
Pins 2 and 3 floating
R
100
Ω
SENSE
CBYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com