Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS645LSH Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS645LSH
Description  True Zero Speed Miniature Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS645LSH Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS645LSH Datasheet HTML 1Page - Allegro MicroSystems ATS645LSH Datasheet HTML 2Page - Allegro MicroSystems ATS645LSH Datasheet HTML 3Page - Allegro MicroSystems ATS645LSH Datasheet HTML 4Page - Allegro MicroSystems ATS645LSH Datasheet HTML 5Page - Allegro MicroSystems ATS645LSH Datasheet HTML 6Page - Allegro MicroSystems ATS645LSH Datasheet HTML 7Page - Allegro MicroSystems ATS645LSH Datasheet HTML 8Page - Allegro MicroSystems ATS645LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The components in speed sensing applications continue to
diminish in size to meet spatial constraints and weight reduction
requirements. As the geometries of gears become smaller, this
can compromise the capabilities of a gear speed sensor. The
ATS645 Hall-element-to-Hall-element spacing of only 1.5 mm
makes this device uniquely capable of accommodating very
fine-pitch gears. In addition, theATS645 signal peak-detecting
algorithm supports consistent switching at relatively large air
gaps, where the peak-to-peak amplitude is small.These features
make the ATS645 the ideal solution to detect the speed of fine-
pitch targets such as those found in ABS (antilock braking)
systems.
The ATS645 combines a Hall-effect sensing integrated circuit
and magnet to provide a manufacturer-friendly solution for true
zero-speed digital gear-tooth sensing in two-wire applications.
The device consists of a single-shot molded plastic package
that includes a samarium cobalt magnet, a pole piece, and a
Hall-effect integrated circuit that has been optimized to the
magnetic circuit. This small package can be easily assembled
and used in conjunction with a wide variety of gear shapes
and sizes.
ATS645-DS, Rev. 3
Features and Benefits
• Fully optimized differential digital gear tooth sensor
• Single chip IC for high reliability
• Internal current regulator for 2-wire operation
• Small mechanical size (8 mm diameter x 5.5 mm depth)
• Air gap independent switchpoints
• Digital output representing gear profile
• Precise duty cycle signal over operating temperature
range
• Large operating air gaps
• Automatic Gain Control (AGC)
Two-Wire True Zero Speed Miniature Differential
Peak-Detecting Gear Tooth Sensor
Continued on the next page…
Functional Block Diagram
Not to scale
Packages: 4 pin SIP (suffix SH)
ATS645LSH
Continued on the next page…
VCC
Automatic Offset
Control
AOA DAC
Hall
Amplifier
AGC DAC
Gain
Tracking
DAC
Peak Hold
Internal Regulator
Test Signals
GND
Test


Similar Part No. - ATS645LSH

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS640A CTS-ATS640A Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS640A CTS-ATS640A Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS640A CTS-ATS640A Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS640A CTS-ATS640A Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS640A-E CTS-ATS640A-E Datasheet
182Kb / 6P
ATS ATS-SM Series
More results

Similar Description - ATS645LSH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS625LSG ALLEGRO-ATS625LSG Datasheet
538Kb / 21P
True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS642 ALLEGRO-ATS642 Datasheet
319Kb / 16P
Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
True Zero-Speed High-Accuracy Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com