Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS121 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # CS121
Description  Bridgestone Achieves Perfect Display on Ice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS121 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  CS121 Datasheet HTML 1Page - Lumileds Lighting Company CS121 Datasheet HTML 2Page - Lumileds Lighting Company CS121 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©2016 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
CS121 Bridgestone Achieves Perfect Display on Ice
Case Study 20160208
The metal halide lighting solution weighed 29,500 lbs., which
has been reduced to 9,500 lbs. with the new LED system.
By eliminating over ten tons of weight from the roof beams,
the engineers are allowing for additional light and sound
equipment to be installed by these outside shows.
The sealed Arena Pro fixtures also require less frequent
cleaning than metal halides, which is an issue following events
such as Monster Jam truck shows. The cleaning process was
extensive with the show dirt having to be wiped off each
surface of the MH lamp housings and reflectors, and now
only requires a simple wipe down of the outer LED lens plate.
The Bridgestone Arena is also positioned to attract a greater
variety of shows now that it can accommodate instant on and
off of the lighting system, CCT changes and programmed light
schemes via DMX control.
The return on investment for the LED installation was 2.5
years including energy savings, maintenance savings and
state rebates. Electrical lighting load dropped from 415,000W
to 89,000W and energy consumption dropped from 1.1
million kilowatt hours to 200,000 kilowatt hours—a savings of
more than 80%. This savings is greater than the total annual
electrical consumption of over 85 homes and removes the
equivalent amount of greenhouse gases as 1.5 million miles
driven by an average car. All of this was accomplished while
significantly improving light quality, light levels and uniformity
on the playing surface.
Given all these benefits, the arena owners are very pleased
with the lighting upgrade. However, the most telling result
has been the comments from hockey fans, people who have
marveled at the light quality in the arena and claim they have
never seen a better show.
About Eaton’s Ephesus Lighting
Eaton’s Ephesus Lighting business manufactures high-output
LED lighting solutions for challenging applications in the
industrial and sporting markets. The business is focused
on innovating advanced LED solutions that will enrich and
illuminate the world, by creating brighter, more vibrant and
more sustainable environments. For more information,
visit www.ephesuslighting.com, follow us on Twitter
@EphesusLighting or contact us at 315-579- 2873 or
info@ephesuslighting.com.
About Lumileds
Lumileds is the global leader in light engine technology.
The company develops, manufactures and distributes
groundbreaking LEDs and automotive lighting products
that shatter the status quo and help customers gain and
maintain a competitive edge. With a rich history of industry
“firsts,” Lumileds is uniquely positioned to deliver lighting
advancements well into the future by maintaining an
unwavering focus on quality, innovation and reliability.
To learn more about our portfolio of light engines visit
www.lumileds.com.
Related Content
Product Datasheet
lumileds.com/support/documentation/datasheets
Guides and Brochures
lumileds.com/support/documentation/guides-and-brochures
For a video showing the Bridgestone Arena’s lighting
transformation, see https://youtu.be/2krVIhbg3zo
“We compared several lighting manufacturers, but when it came right down to it,
only Ephesus could achieve the outstanding light quality, ambitious turnaround time
and installation goals that we set for them.”
— Tim Freidenberger, Facility Manager
Bridgestone Arena



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com