Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS121 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS121
Description  Bridgestone Achieves Perfect Display on Ice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS121 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS121 Datasheet HTML 1Page - Lumileds Lighting Company CS121 Datasheet HTML 2Page - Lumileds Lighting Company CS121 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS121 Bridgestone Achieves Perfect Display on Ice Case Study ©2016 Lumileds Holding B.V. All rights reserved.
Bridgestone Achieves
Perfect Display on Ice
Whether fans are watching the Nashville
Predators game live or on HDTV, CCT
tunable lighting in the Bridgestone Arena
delivers an unmatched viewing experience.
Challenge
The Bridgestone Arena is home to the Nashville Predators hockey team, but it also
hosts a variety of other events such as Monster Jam truck shows, NCAA games, stand-
up comedy and musical performances. In the past, general lighting needs were met
by the metal halide lights installed some 30 years ago when the arena was built. Metal
halide lights are inexpensive, but they require annual lamp replacement, frequent
cleaning, and provide poor lighting for HDTV cameras. Furthermore, the metal halide
lighting at the Bridgestone Arena did not have a shutter system, so light control during
hockey warm-up and intermission periods was particularly tricky. With the advent
of LED technology and in particular, CCT tunable technology, the owners and facility
manager of Bridgestone began exploring LED options.
The lighting requirement for the stadium went beyond specifications such as high color
rendering and different color temperatures – 5600K for hockey, 4200K for basketball
and 3500K for performances. With HDTV and 4k/8k pixel displays, there’s now a need
for high color fidelity, specifically stadium lights tuned for a high Television Lighting
Consistency Index (TLCI) score. With a higher TLCI, the HD image sensor in the camera
captures a higher fidelity image. The end result is improved visibility when it comes to a
small hockey puck traveling rapidly on ice, as well as truer color perception due to the
spectrum delivered by the LEDs. Finally, there is a desire to focus more light on the ice
rink, while limiting light spill to the surrounding stadium seats.
Solution
Lumileds worked directly with the lighting manufacturer, Eaton’s Ephesus Lighting,
to provide the sports lighting solution for the Bridgestone Arena. The approach by
Ephesus first was to consult with the camera crews working for the top broadcasting
networks in sports to determine the exact lighting specifications required for
HDTV capture, panning and slow motion play. While the trend by some lighting
manufacturers has been to simply increase the lumen output levels to achieve
better visibility, the folly of too many lumens was evident at another stadium lit by a
Challenge
To replace a metal halide lighting
system with an LED based system that
can provide the light quality needed
for a variety of events including
the 61st NHL All-Star game at the
Bridgestone Arena in Nashville.
Solution
247 metal halide fixtures were
replaced with 120 Ephesus Arena
Pro fixtures using LUXEON LEDs that
provide instant on/off performance,
3500-6500K tunable color
temperature, 10 year guaranteed light
levels, and full HDTV compatibility.
Results and Benefits
Light quality was optimized for HDTV
capture and improved visibility
while electricity usage dropped by
more than 80%, maintenance was
reduced significantly, and the project
is set to achieve a 2.5 year return on
investment. Installation of the LED
fixtures was performed completely
during game off-hours, making it a
seamless process to fans.
Arena Pro by Eaton’s Ephesus Lighting


Similar Part No. - CS121

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CS12104 HAMMOND-CS12104 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS12106 HAMMOND-CS12106 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
CIT Relay & Switch
CS1210F160 CIT-CS1210F160 Datasheet
108Kb / 1P
CIT SWITCH
CS1210F260 CIT-CS1210F260 Datasheet
108Kb / 1P
CIT SWITCH
logo
YAGEO Corporation
CS1210GFX7R0BB103 YAGEO-CS1210GFX7R0BB103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CS121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
ICE car radio
September 1993
logo
Samsung semiconductor
KS5514B-XX SAMSUNG-KS5514B-XX Datasheet
123Kb / 17P
ON SCREEN DISPLAY PROCESSOR
logo
Motorola, Inc
MPM3003 MOTOROLA-MPM3003 Datasheet
818Kb / 12P
ICE PAK POWER MODULE
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
ICE CUBE STYLE INDUSTRIAL RELAY
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
Perfect for compact portable devices
logo
Amphenol Corporation
K170 AMPHENOL-K170 Datasheet
46Kb / 2P
Ice Point Reference
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
ICE CUBE RELAYS
10/29/2019
logo
Luminus, Inc
CXM-6-30-90-18-PC32-F4-3 LUMINUS-CXM-6-30-90-18-PC32-F4-3 Datasheet
1Mb / 18P
Perfect White COB LED Arrays
logo
ATMEL Corporation
ATATMEL-ICE ATMEL-ATATMEL-ICE Datasheet
2Mb / 61P
The Atmel-ICE Debugger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com