Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS121 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS121
Description  Bridgestone Achieves Perfect Display on Ice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS121 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS121 Datasheet HTML 1Page - Lumileds Lighting Company CS121 Datasheet HTML 2Page - Lumileds Lighting Company CS121 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS121 Bridgestone Achieves Perfect Display on Ice Case Study 20160208 ©2016 Lumileds Holding B.V. All rights reserved.
2
competitor’s LEDs, where players actually complained that
the light was so bright that it was interfering with their ability
to play. In contrast, Ephesus and Lumileds engineered the
proper spectrum to provide the best quality of light.
Using LUXEON LEDs from Lumileds in Ephesus Arena Pro
fixtures, the arena now delivers high color fidelity and is
able to maintain constant light output while tuning to color
temperatures between 3500K and 6500K. The LED lighting
provides instant ON and instant OFF, key functionality for all
games and shows. These ultrahigh efficacy LEDs deliver high
flux levels in directional applications, that when combined
with precise optical control in Arena Pro fixtures, eliminate
the problem of shadows caused by scoreboards and other
obstructions in the stadium. The result is improved visibility
while keeping the light level at the playing surface constant
at 200 footcandles. The light can be tuned for CCT, while
delivering high color fidelity, color consistency and light
uniformity. LUXEON LEDs also perfectly balance efficiency and
system cost, speeding the return on investment of the arena’s
120 Arena Pro fixtures.
“Our lighting consultants worked with
the leading sports broadcast networks
to ensure that current and evolving
requirements for HDTV would be met
by our CCT tunable technology.”
— Joe Casper, Chief Technology Officer
Ephesus Lighting Inc.
Results and Benefits
The benefits of the LED solution over metal halide are
extensive – from vastly longer lifetime to excellent energy
efficiency and dramatically reduced maintenance cost.
The color spectrum of the LUXEON LEDs in the Arena Pro
fixture caters to the needs of HDTV broadcasters as well as
spectators. Feedback from camera crews and spectators
indicates the Arena Pro system enables greatly improved
visibility at a variety of events. The Arena Pro fixtures provide
shadow-free illumination on the ice rink while limiting light
spill to the arena seats. Warmer color temperatures and
lower light levels can now be accomplished for events such
as Casino Night, and stark differences in light levels can be
achieved, for instance, between player tables and bar areas.
Metal halide lamps tend to fade as they age, providing
uneven brightness and color quality. In the arena, they were
typically replaced annually. The Ephesus fixtures with LUXEON
LEDs carry a five year warranty and are expected to last 15
years or longer. The fixtures feature excellent flux and color
consistency from one end of the arena to the other, freeing
up technician’s time normally spent on balancing and color
correcting the light. Interestingly, the metal halide lamps,
despite their distance from the playing surface, also generated
enough radiative heat to not only increase the refrigeration
load on the ice, but also interfere with the ice recrystallization
process during Zamboni resurfacing. Players have commented
on the improved consistency and quality of the ice after the
transition to LED lighting.
The Arena Pro fixtures provide a very robust solution with
mounting brackets that ensure the lights will not move once
installed. With the LED fixtures, the overall weight on the
rafters is also drastically reduced. This burden on the rafters
is significant because performance acts bring and install
their own lights each time, which increases the overall load.
The Ephesus Arena Pro fixtures using LUXEON LEDs (see left) deliver high color fidelity, color consistency and light uniformity.
Compared to the old metal halide lighting (see right), the Ephesus Arena Pro fixtures also demonstrate a
much better viewing experience for spectators as well as HDTV broadcast.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com