Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2VC511 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2VC511
Description  27 MHz Clock Generator with VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2VC511 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2VC511 Datasheet HTML 1Page - Cypress Semiconductor CY2VC511 Datasheet HTML 2Page - Cypress Semiconductor CY2VC511 Datasheet HTML 3Page - Cypress Semiconductor CY2VC511 Datasheet HTML 4Page - Cypress Semiconductor CY2VC511 Datasheet HTML 5Page - Cypress Semiconductor CY2VC511 Datasheet HTML 6Page - Cypress Semiconductor CY2VC511 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRELIMINARY
CY2VC511
Document Number: 001-10796 Rev. *D
Page 6 of 7
Document History Page
Document Title: CY2VC511 27 MHz Clock Generator with VCXO
Document Number: 001-10796
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
506248
RGL
See ECN
New data sheet
*A
1285703
JWK/KVM/
ARI
See ECN
Changed definition of nominal frequency to VIN = 1.65V
Added CLOAD specification
Changed RUP value
Corrected TR/TF conditions and specification
Removed pull down resistor on SEL
Updated several drawings
Edited data sheet for template compliance
*B
2705638
XHT/KVM/
AESA
05/13/2009
Changed title from Low Noise Clock Generator with VCXO to 27 MHz Clock
Generator with VCXO, Basic configuration change: Reference changed from
crystal to driven clock, Output changed from 216 MHz to 27 MHz, Pinout changed
to show no connects, Pin 11 changed to DNU, VDD range changed from ±0.2V to
±5%, Thermal resistance data added, IOL & IOH changed from 2mA to 4mA
Phase noise specs removed, IIVIN changed from 10
μA to 60μA, Rise & fall times
changed, IDD changed
*C
2768029
KVM
09/18/2009
Remove reference to OE/PD# pin in IDD spec
Change parameter name IIVIN to IVIN
Change parameter LIN to INLVIN, add note to definition
Add max limit for TR, TF: 1.5 ns
Change TLOCK max from 10 ms to 5 ms
*D
2905106
KVM
05/14/10
Updated package diagram.
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com