Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2VC511 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2VC511
Description  27 MHz Clock Generator with VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2VC511 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2VC511 Datasheet HTML 1Page - Cypress Semiconductor CY2VC511 Datasheet HTML 2Page - Cypress Semiconductor CY2VC511 Datasheet HTML 3Page - Cypress Semiconductor CY2VC511 Datasheet HTML 4Page - Cypress Semiconductor CY2VC511 Datasheet HTML 5Page - Cypress Semiconductor CY2VC511 Datasheet HTML 6Page - Cypress Semiconductor CY2VC511 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRELIMINARY
CY2VC511
27 MHz Clock Generator with VCXO
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-10796 Rev. *D
Revised May 14, 2010
Features
■ Generates 27 MHz Output Clock
■ Uses 27 MHz LVCMOS Reference Clock
■ LVCMOS Output
■ VCXO with 230 ppm Minimum Pull Range
■ Fully Integrated Low Noise Phase Locked Loop (PLL)
■ Linear Voltage-to-Frequency Control Curve
■ Supply Voltage: 3.3V
■ Pb-free 16-Pin TSSOP Package
Description
The CY2VC511 is a PLL based clock generator with VCXO
control. It takes a low swing 27 MHz reference clock, and
generates an adjustable 27 MHz output clock. The device has a
single LVCMOS output and operates from a 3.3V power supply.
The VIN pin is an analog input that enables the user to pull the
output frequency. The pullability range is at least 230 ppm (±115
ppm). The pull curve is very linear.
Unlike conventional VCXO designs, the output frequency
adjustment is achieved by a proprietary PLL design. This permits
the use of 27 MHz clock reference.
VIN
LOW -NOISE
PLL
REFIN
CLK
Logic Block Diagram
[+] Feedback


Similar Part No. - CY2VC511

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2VC521-2 CYPRESS-CY2VC521-2 Datasheet
255Kb / 9P
Low Noise LVDS Clock Generator with VCXO
More results

Similar Description - CY2VC511

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
MPEG Clock Generator with VCXO
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
MPEG Clock Generator with VCXO
logo
List of Unclassifed Man...
T73227 ETC1-T73227 Datasheet
77Kb / 5P
27 MHz VCXO Clock Generator IC
logo
Cypress Semiconductor
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
MPEG Clock Generator with VCXO
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
MediaClock 27-MHz VCXO Clock Generator
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
Multi Clock Generator with VCXO
AK8158A AKM-AK8158A Datasheet
326Kb / 10P
Multi Clock Generator with VCXO
AK8131C AKM-AK8131C Datasheet
193Kb / 8P
Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com