Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2VC511 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2VC511
Description  27 MHz Clock Generator with VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2VC511 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2VC511 Datasheet HTML 1Page - Cypress Semiconductor CY2VC511 Datasheet HTML 2Page - Cypress Semiconductor CY2VC511 Datasheet HTML 3Page - Cypress Semiconductor CY2VC511 Datasheet HTML 4Page - Cypress Semiconductor CY2VC511 Datasheet HTML 5Page - Cypress Semiconductor CY2VC511 Datasheet HTML 6Page - Cypress Semiconductor CY2VC511 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRELIMINARY
CY2VC511
Document Number: 001-10796 Rev. *D
Page 2 of 7
Pinout
Figure 1. Pin Diagram - 16-Pin TSSOP
VSS
1
2
314
15
16
REFIN
VDD
VDD
DNU
VSS
NC
VDD
NC
NC
VSS
4
5
611
12
13
CLK
NC
DNU
7
89
10
NC
VIN
Table 1. Pin Definitions - 16-Pin TSSOP
Pin
Name
Type
Description
1
REFIN
1.8V CMOS Input
Reference Clock Input
9
VIN
Analog Input
VCXO Control Voltage - VIN has a positive control slope; that is, increasing the
voltage on VIN causes the output frequency to increase
The nominal output frequency is determined when VIN = 1.65V
13
CLK
CMOS Output
27 MHz Output Clock
11, 16
DNU
Do Not Use: DNU pins are electrically connected, but perform no function
5, 6, 10, 12, 14
NC
No Connect: NC pins are not connected to the die
2, 3, 4
VDD
Power
Supply Voltage: 3.3V
7, 8, 15
VSS
Power
Ground
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com