Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1663KV18 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 27Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 28Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 29Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 30Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 31Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 30 of 31
CY7C1663KV18/CY7C1665KV18
*I (cont.)
3607032
05/03/2012 AVIA / PRIT Updated Functional Overview (Removed CY7C1661KV18, CY7C1676KV18
related information).
Updated Truth Table (Removed CY7C1661KV18, CY7C1676KV18 related
information).
Updated Write Cycle Descriptions (Removed CY7C1661KV18 related
information).
Removed Write Cycle Descriptions (Corresponding to CY7C1676KV18).
Updated Identification Register Definitions (Removed CY7C1661KV18,
CY7C1676KV18 related information).
Updated Operating Range (Removed Industrial Temperature Range).
Updated Electrical Characteristics (Updated DC Electrical Characteristics
(Removed 500 MHz and 400 MHz frequencies related information, removed
CY7C1661KV18, CY7C1676KV18 related information)).
Updated Switching Characteristics (Removed 500 MHz and 400 MHz
frequencies related information).
*J
3793968
10/25/2012
PRIT
No technical updates.
Completing Sunset Review.
*K
4372665
05/07/2014
PRIT
Updated Application Example:
Updated Figure 2.
Updated Thermal Resistance:
Updated values of
JA parameter.
Included
JB parameter and its details.
Updated to new template.
*L
4567876
11/12/2014
PRIT
Updated Functional Description:
Added “For a complete list of related documentation, click here.” at the end.
Updated Ordering Information (Updated part numbers).
*M
5067354
12/29/2015
PRIT
Updated Package Diagram:
spec 51-85195 – Changed revision from *C to *D.
Updated to new template.
Completing Sunset Review.
*N
5522873
11/16/2016
PRIT
Updated Ordering Information:
Updated part numbers.
Updated to new template.
Completing Sunset Review.
*O
6003333
12/22/2017 AESATMP9 Updated logo and copyright.
Document History Page (continued)
Document Title: CY7C1663KV18/CY7C1665KV18, 144-Mbit QDR® II+ SRAM Four-Word Burst Architecture (2.5 Cycle Read
Latency)
Document Number: 001-44060
Rev.
ECN No.
Submission
Date
Orig. of
Change
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com