Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1663KV18 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 22Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 21 of 31
CY7C1663KV18/CY7C1665KV18
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65 °C to +150 °C
Ambient temperature
with power applied ................................... –55 °C to +125 °C
Supply voltage on VDD relative to GND .......–0.5 V to +2.9 V
Supply voltage on VDDQ relative to GND ...... –0.5 V to +VDD
DC applied to outputs in High Z ........ –0.5 V to VDDQ + 0.3 V
DC input voltage [22] ........................... –0.5 V to VDD + 0.3 V
Current into outputs (Low) .......................................... 20 mA
Static discharge voltage
(MIL-STD-883, M. 3015) ......................................... > 2001 V
Latch up current ..................................................... > 200 mA
Operating Range
Range
Ambient
Temperature (TA)
VDD [23]
VDDQ [23]
Commercial
0 °C to +70 °C
1.8 ± 0.1 V
1.4 V to
VDD
Neutron Soft Error Immunity
Parameter
Description
Test
Conditions Typ Max* Unit
LSBU
Logical
Single-Bit
Upsets
25 °C
197
216
FIT/
Mb
LMBU
Logical
Multi-Bit
Upsets
25 °C
0
0.01
FIT/
Mb
SEL
Single Event
Latch up
85 °C
0
0.1
FIT/
Dev
* No LMBU or SEL events occurred during testing; this column represents a
statistical
2, 95% confidence limit calculation. For more details refer to Application
Note AN54908 “Accelerated Neutron SER Testing and Calculation of Terrestrial
Failure Rates”
Electrical Characteristics
Over the Operating Range
DC Electrical Characteristics
Over the Operating Range
Parameter [24]
Description
Test Conditions
Min
Typ
Max
Unit
VDD
Power supply voltage
1.7
1.8
1.9
V
VDDQ
I/O supply voltage
1.4
1.5
VDD
V
VOH
Output high voltage
Note 25
VDDQ/2 – 0.12
–
VDDQ/2 + 0.12
V
VOL
Output low voltage
Note 26
VDDQ/2 – 0.12
–
VDDQ/2 + 0.12
V
VOH(LOW)
Output high voltage
IOH =0.1 mA, Nominal impedance
VDDQ – 0.2
–
VDDQ
V
VOL(LOW)
Output low voltage
IOL = 0.1 mA, Nominal impedance
VSS
–
0.2
V
VIH
Input high voltage
VREF + 0.1
–
VDDQ + 0.15
V
VIL
Input low voltage
-0.15
–
VREF – 0.1
V
IX
Input leakage current
GND
 VI  VDDQ
2
–
2
A
IOZ
Output leakage current
GND
 VI  VDDQ, Output disabled
2
–
2
A
VREF
Input reference voltage [27] Typical Value = 0.75 V
0.68
0.75
0.95
V
Notes
22. Overshoot: VIH(AC) < VDDQ + 0.35 V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > 0.3 V (Pulse width less than tCYC/2).
23. Power up: Assumes a linear ramp from 0 V to VDD(min) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
24. All voltage referenced to ground.
25. Output are impedance controlled. IOH = (VDDQ/2)/(RQ/5) for values of 175   RQ  350 .
26. Output are impedance controlled. IOL = (VDDQ/2)/(RQ/5) for values of 175   RQ  350 .
27. VREF(min) = 0.68 V or 0.46 VDDQ, whichever is larger, VREF(max) = 0.95 V or 0.54 VDDQ, whichever is smaller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com