Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1663KV18 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1663KV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CY7C1663KV18/CY7C1665KV18
144-Mbit QDR® II+ SRAM Four-Word
Burst Architecture (2.5 Cycle Read Latency)
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-44060 Rev. *O
Revised December 22, 2017
144-Mbit QDR® II+ SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
Features
■ Separate independent read and write data ports
❐ Supports concurrent transactions
■ 550-MHz clock for high bandwidth
■ Four-word burst for reducing address bus frequency
■ Double data rate (DDR) interfaces on both read and write ports
(data transferred at 1100 MHz) at 550 MHz
■ Available in 2.5-clock cycle latency
■ Two input clocks (K and K) for precise DDR timing
❐ SRAM uses rising edges only
■ Echo clocks (CQ and CQ) simplify data capture in high-speed
systems
■ Data valid pin (QVLD) to indicate valid data on the output
■ Single multiplexed address input bus latches address inputs
for read and write ports
■ Separate port selects for depth expansion
■ Synchronous internally self-timed writes
■ Quad data rate (QDR®) II+ operates with 2.5-cycle read latency
when DOFF is asserted high
■ Operates similar to QDR I device with one cycle read latency
when DOFF is asserted low
■ Available in × 18, and × 36 configurations
■ Full data coherency, providing most current data
■ Core VDD = 1.8 V ± 0.1 V; I/O VDDQ = 1.4 V to VDD
[1]
❐ Supports both 1.5-V and 1.8-V I/O supply
■ High-speed transceiver logic (HSTL) inputs and variable drive
HSTL output buffers
■ Available in 165-ball fine-pitch ball grid array (FBGA) package
(15 × 17 × 1.4 mm)
■ Offered in Pb-free package
■ JTAG 1149.1 compatible test access port
■ Phase locked loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 cycles:
CY7C1663KV18 – 8 M × 18
CY7C1665KV18 – 4 M × 36
Functional Description
The
CY7C1663KV18,
and
CY7C1665KV18
are
1.8-V
synchronous pipelined SRAMs, equipped with QDR II+
architecture. Similar to QDR II architecture, QDR II+ architecture
consists of two separate ports: the read port and the write port to
access the memory array. The read port has dedicated data
outputs to support read operations and the write port has
dedicated data inputs to support write operations. QDR II+
architecture has separate data inputs and data outputs to
completely eliminate the need to “turnaround” the data bus that
exists with common I/O devices. Each port is accessed through
a common address bus. Addresses for read and write addresses
are latched on alternate rising edges of the input (K) clock.
Accesses to the QDR II+ read and write ports are completely
independent of one another. To maximize data throughput, both
read and write ports are equipped with DDR interfaces. Each
address location is associated with four 18-bit words
(CY7C1663KV18), or 36-bit words (CY7C1665KV18) that burst
sequentially into or out of the device. Because data is transferred
into and out of the device on every rising edge of both input
clocks (K and K), memory bandwidth is maximized while
simplifying system design by eliminating bus “turnarounds”.
Depth expansion is accomplished with port selects, which
enables each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
For a complete list of related documentation, click here.
Selection Guide
Description
550 MHz
450 MHz
Unit
Maximum Operating Frequency
550
450
MHz
Maximum Operating Current
× 18
1090
940
mA
× 36
1520
1290
Note
1. The Cypress QDR II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4 V to VDD.


Similar Part No. - CY7C1663KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C166 CYPRESS-CY7C166 Datasheet
171Kb / 9P
16K x 4 Static RAM
CY7C166 CYPRESS-CY7C166 Datasheet
266Kb / 9P
16K x 4 Static RAM
CY7C166-15PC CYPRESS-CY7C166-15PC Datasheet
171Kb / 9P
16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
171Kb / 9P
16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
266Kb / 9P
16K x 4 Static RAM
More results

Similar Description - CY7C1663KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2663KV18 CYPRESS-CY7C2663KV18 Datasheet
871Kb / 31P
144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com