Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EMIF03-SIM01
Description  003 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EMIF03-SIM01 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 9Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 10Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
EMIF03-SIM01
CROSSTALK BEHAVIOR
Fig. A7: Crosstalk phenomena
RL1
RL2
αβ
1G1
12G2
V+
V
αβ
2G2
21G1
V+
V
Line 1
Line 2
VG1
VG2
DRIVERS
RECEIVERS
RG1
RG2
The crosstalk phenomena are due to the coupling between 2 lines. The coupling factor (
β12 or β21 )
increases when the gap across lines decreases, particularly in silicon dice. In the example above the
expected signal on load RL2 is
α2VG2, in fact the real voltage at this point has got an extra value
β21VG1. This part of the VG1 signal represents the effect of the crosstalk phenomenon of the line 1 on
the line 2. This phenomenon has to be taken into account when the drivers impose fast digital data or
high frequency analog signals in the disturbing line. The perturbed line will be more affected if it works
with low voltage signal or high load impedance (few k
Ω).
1- Digital crosstalk
Fig. A8: Digital crosstalk measurements
+3V
+3V
74HC04
+3V
Square
Pulse
Generator
74HC04
VG1
β21 G1
V
B1
C1
B3
C3
®
EMI35
SIM01
Square pulse generator
s
frequency = 3.3MHz
s
0 - 3.3V
s
Risetime = 30ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com