Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # EMIF03-SIM01
Description  003 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button EMIF03-SIM01 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 9Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 10Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EMIF03-SIM01
11/11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
365
1570
diam 230
220
200
®
FCT
YWW
MARKING and DIE SIZE (typical values)
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF03-SIM01
FCT
Flip Chip
3.3 mg
5000
Tape & reel 7”
PACKING
YWW: Date code (year + week code)
Note: More packing information are available in the application note AN1235: “Flip-Chip: Package
description and recommendations for use”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com