Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # EMIF03-SIM01
Description  003 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button EMIF03-SIM01 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 9Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 10Page - STMicroelectronics EMIF03-SIM01 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EMIF03-SIM01
10/11
100.0k
1.0M
10.0M
100.0M
1.0G
-100.0
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
f/Hz
Aplac 7.60 User: STMicroelectronics Feb 22 2001
B3_C1
Fig. A11: Analog crosstalk results
EMIF
03
SIM
01
-
Electro Magnetic
Interference Filter
Nb of lines
SIM Card protection
Version number
ORDER CODE
Figure A10 gives the measurement circuit for the analog application. In Figure A11, the curve shows the
EMIF03-SIM01 provides a crosstalk immunity better than - 20dB up to 3GHz.
500µm ± 50
315µm ± 50
1.57mm ± 50µm
650µm ± 65
PACKAGE MECHANICAL DATA
(all dimensions in µm)
s
Bottom side (ball view): Pin A1 missing for die orientation
s
Top side (balls underweath): see the marking .



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com