Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCQAR Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LDCQAR
Description  OSLON Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDCQAR Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LDCQAR Datasheet HTML 4Page - OSRAM GmbH LDCQAR Datasheet HTML 5Page - OSRAM GmbH LDCQAR Datasheet HTML 6Page - OSRAM GmbH LDCQAR Datasheet HTML 7Page - OSRAM GmbH LDCQAR Datasheet HTML 8Page - OSRAM GmbH LDCQAR Datasheet HTML 9Page - OSRAM GmbH LDCQAR Datasheet HTML 10Page - OSRAM GmbH LDCQAR Datasheet HTML 11Page - OSRAM GmbH LDCQAR Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Version 1.4
LD CQAR
IF = f (VF); T = 25 °C
ΦE/ΦE(700 mA) = f(IF); T = 25 °C
λdom = f(IF); T = 25 °C
LD CQAR
2,7
2,8
2,9
3,0
3,1
3,2
3,3
VF
[V]
200
400
600
800
1000
1200
1400
1600
1800
2000
IF
[mA]
OHL06055
0.0
0.5
1.0
1.5
2.0
2.5
I (mA)
F
Φ
E
Φ
E
(700 mA)
OHL06078
IF (mA)
440
445
450
455
460
λ dom
(nm)
2017-10-26
8
J
J
J
Forward Current 6) page 21 , 8) page 21
Durchlassstrom 6) Seite 21 , 8) Seite 21
Relative Radiant Power 6) page 21 , 8) page 21
Relative Strahlungsleistung 6) Seite 21 , 8) Seite 21
Dominant Wavelength 6) page 21
Dominante Wellenlänge 6) Seite 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com