Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCQAR Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LDCQAR
Description  OSLON Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDCQAR Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LDCQAR Datasheet HTML 5Page - OSRAM GmbH LDCQAR Datasheet HTML 6Page - OSRAM GmbH LDCQAR Datasheet HTML 7Page - OSRAM GmbH LDCQAR Datasheet HTML 8Page - OSRAM GmbH LDCQAR Datasheet HTML 9Page - OSRAM GmbH LDCQAR Datasheet HTML 10Page - OSRAM GmbH LDCQAR Datasheet HTML 11Page - OSRAM GmbH LDCQAR Datasheet HTML 12Page - OSRAM GmbH LDCQAR Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.4
LD CQAR
ΔVF = VF - VF(25 °C) = f(Tj); IF = 700 mA
ΦEE(25 °C) = f(Tj); IF = 700 mA
λdom = f(Tj); IF = 700 mA
OHL06172
-40
-20
0
20
40
60
80
100 120
T
j (° C)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
V F (V )
(°C)
OHL06148
-40
-20
0
20
40
60
80
100 120
T
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φ
E
Φ
E (25
° C )
OHL06150
-40 -20 0
20 40 60 80 100 120
Tj (°C)
440
445
450
455
460
λ dom
(nm)
2017-10-26
9
Relative Forward Voltage 6) page 21
Relative Vorwärtsspannung 6) Seite 21
Relative Radiant Power 6) page 21
Relative Strahlungsleistung 6) Seite 21
Dominant Wavelength 6) page 21
Dominante Wellenlänge 6) Seite 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com