Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7327 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT7327
Description  Low Power Consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7327 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT7327 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TO-92 Carrier Tape Dimensions
TO-92
Symbol
Description
Dimensions in mm
I1
Taped Lead Length
(2.5)
P
Component Pitch
12.7
±1.0
P0
Perforation Pitch
12.7
±0.3
P2
Component to Perforation (Length Direction)
6.35
±0.4
F1
Lead Spread
2.5+0.4
-0.1
F2
Lead Spread
2.5+0.4
-0.1
Dh
Component Alignment
0
±0.1
W
Carrier Tape Width
18.0+1.0
-0.5
W0
Hold-down Tape Width
6.0
±0.5
W1
Perforation Position
9.0
±0.5
W2
Hold-down Tape Position
(0.5)
H0
Lead Clinch Height
16.0
±0.5
H1
Component Height
Less than 24.7
D0
Perforation Diameter
4.0
±0.2
t
Taped Lead Thickness
0.7
±0.2
H
Component Base Height
19.0
±0.5
Note:
Thickness less than 0.38
±0.05mm~0.5mm
P0 Accumulated pitch tolerance:
±1mm/20pitches.
( ) Bracketed figures are for consultation only
HT73XX
Rev. 1.10
10
July 30, 2004
F 1 F 2
P 2
P 0
D 0
W 2
W 0
W
W 1
P
H 0
H
H 1
t
D h
l 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com