Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7327 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7327
Description  Low Power Consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7327 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7327 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
Pin Assignment
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+14V
Storage Temperature ...........................
-50°Cto125°C
Power Consumption (*1) .................................. 500mW
Operating Temperature ..........................
-40°Cto85°C
Power Consumption (*2) ...................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
*1: applied to TO-92
*2: applied to SOT-89
HT73XX
Rev. 1.10
2
July 30, 2004
T O - 9 2 - A
G N D
V I N
V O U T
S O T - 8 9 - A
V O U T
G N D V I N
7 3 X X - A
F r o n t V i e w
B o t t o m V i e w
G N D
V I N
V O U T
7 3 X X - A
T O - 9 2 - B
V O U T
G N D
V I N
7 3 X X - B
F r o n t V i e w
B o t t o m V i e w
V O U T
V I N
G N D
V r e f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com