Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7327 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7327
Description  Low Power Consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7327 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7327 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7327 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics
HT7318, +1.8V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
2.8V
IOUT=40mA
1.746
1.8
1.854
V
IOUT(MAX)
Maximum Output Current
2.8V
VOUT
³1.62V
150
¾¾
mA
DVOUT*
Load Regulation
2.8V
1mA
£IOUT£60mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
170
¾
mV
ISS
Quiescent Current
2.8V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
2.8V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
2.8V
IOUT=40mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT7325, +2.5V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
3.5V
IOUT=40mA
2.425
2.5
2.575
V
IOUT(MAX)
Maximum Output Current
3.5V
VOUT
³2.25V
180
¾¾
mA
DVOUT*
Load Regulation
3.5V
1mA
£IOUT£60mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
110
¾
mV
ISS
Quiescent Current
3.5V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
3.5V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
3.5V
IOUT=40mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT7327, +2.7V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
3.7V
IOUT=40mA
2.619
2.7
2.781
V
IOUT(MAX)
Maximum Output Current
3.7V
VOUT
³2.43V
200
¾¾
mA
DVOUT*
Load Regulation
3.7V
1mA
£IOUT£80mA
¾
45
90
mV
VDROP**
Dropout Voltage
¾
IOUT=40mA
¾
100
¾
mV
ISS
Quiescent Current
3.7V
No load
¾
48
mA
Line Regulation
¾
IOUT=40mA
3.7V
£VIN£12V
¾
0.2
0.3
%/V
VIN
Input Voltage
¾¾
¾
¾
12
V
Temperature Coefficient
3.7V
IOUT=40mA
-40°C<Ta<85°C
¾±0.7
¾
ppm/
°C
HT73XX
Rev. 1.10
3
July 30, 2004
D V O U T
D V I N ´ V O U T
D V O U T
D T a
D V O U T
D V I N ´ V O U T
D V O U T
D T a
D V O U T
D T a
D V O U T
D V I N ´ V O U T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com