Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5683 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5683
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5683 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5683 Datasheet HTML 1Page - Microsemi Corporation 2N5683 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/466
Devices
Qualified Level
2N5683
2N5684
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N5683
2N5684
Unit
Collector-Emitter Voltage
VCEO
60
80
Vdc
Collector-Base Voltage
VCBO
60
80
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Base Current
IB
15
Adc
Collector Current
IC
50
Adc
Total Power Dissipation
(1)
@ TC = 25
0C
@ TC = 100
0C
PT
300
171
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.584
0C/W
1)
Derate linearly 1.715 W/
0C between TC = +250C and TC = +2000C
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 200 mAdc
2N5683
2N5684
V(BR)CEO
60
80
Vdc
Collector-Emitter Cutoff Current
VCE = 30 Vdc
2N5683
VCE = 40 Vdc
2N5684
ICEO
5.0
5.0
µAdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc, VBE = 1.5 Vdc
2N5683
VCE = 80 Vdc, VBE = 1.5 Vdc
2N5684
ICEX
5.0
5.0
µAdc
Collector-Base Cutoff Current
VCB = 60 Vdc
2N5683
VCB = 80 Vdc
2N5684
ICBO
5.0
5.0
µAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
5.0
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
TO-3*
(TO-204AA)


Similar Part No. - 2N5683

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5683 MOSPEC-2N5683 Datasheet
185Kb / 4P
POWER TRANSISTORS(50A,300W)
logo
List of Unclassifed Man...
2N5683 ETC-2N5683 Datasheet
347Kb / 8P
Power Transistors
logo
New Jersey Semi-Conduct...
2N5683 NJSEMI-2N5683 Datasheet
80Kb / 1P
BJTS, SI PNP POWER
2N5683 NJSEMI-2N5683 Datasheet
206Kb / 2P
HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - 2N5683

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com